Electronic Components Datasheet Search
  English  ▼

X  

FN2230 Datasheet(PDF) 3 Page - Schaffner International Ltd

Part # FN2230
Description  DC-Busbar EMC/RFI Filter for EV charging applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2230 Datasheet(HTML) 3 Page - Schaffner International Ltd

  FN2230 Datasheet HTML 1Page - Schaffner International Ltd FN2230 Datasheet HTML 2Page - Schaffner International Ltd FN2230 Datasheet HTML 3Page - Schaffner International Ltd FN2230 Datasheet HTML 4Page - Schaffner International Ltd FN2230 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
EMC/EMI Products
Schaffner Group
Datasheets
27 Oct 2021
Typical electrical schematic FN222X and FN224X (up to 1000 VDC)
DC -
2x RX
2x CX
PE
L1
DC -'
DC +
L2
DC +'
4x RY
4x CY1
8x CY2
4x RY
PE
2x RX
2x CX
Typical electrical schematic FN223X (up to 500 VDC)
PE
DC +
2x RX
2x CX
DC +'
2x L1
PE
DC -
2x L2
2x CX
2x RX
DC -'
2x CY1
2x CY2
2x RY
Typical filter attenuation
Per CISPR 17: symmetrical 50 Ω/50 Ω -> Differential Mode (DM); asymmetrical 50 Ω/50 Ω -> Common Mode (CM)
FN2220-ttt-uu-C2222-Rxy and FN2240-ttt-uu-C2222-Rxy
High Performance
DM
CM
0
10
20
30
40
50
60
70
80
90
dB
10k
100k
1M
10M
Hz
FN2221-ttt-uu-C2222-Rxy and FN2241-ttt-uu-C2222-Rxy
Very High Performance
DM
CM
0
10
20
30
40
50
60
70
80
90
dB
10k
100k
1M
10M
Hz
FN2230-ttt-uu-C2022-Rxy
High Performance
DM
CM
0
10
20
30
40
50
60
70
80
90
dB
10k
100k
1M
10M
Hz
FN2231-ttt-uu-C2022-Rxy
Very High Performance
DM
CM
0
10
20
30
40
50
60
70
80
90
dB
10k
100k
1M
10M
Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com