Electronic Components Datasheet Search
  English  ▼

X  

74F533 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F533
Description  Latch/flip-flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F533 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F533 Datasheet HTML 2Page - NXP Semiconductors 74F533 Datasheet HTML 3Page - NXP Semiconductors 74F533 Datasheet HTML 4Page - NXP Semiconductors 74F533 Datasheet HTML 5Page - NXP Semiconductors 74F533 Datasheet HTML 6Page - NXP Semiconductors 74F533 Datasheet HTML 7Page - NXP Semiconductors 74F533 Datasheet HTML 8Page - NXP Semiconductors 74F533 Datasheet HTML 9Page - NXP Semiconductors 74F533 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F533,* 74F534
Latch/flip-flop
1999 Jan 08
6
* Discontinued part. Please see the Discontinued Products List.
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
2.4
V
VOH
High-level output voltage
VCC
MIN, VIL
MAX,
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.3
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VCC
MIN, VIL
MAX,
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at
maximum input voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–0.6
mA
IOZH
Off-state output current,
High-level voltage applied
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off-state output current,
Low-level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
74F533
VCC = MAX
OE=4.5V, Dn=E=GND
41
61
mA
ICC
Supply current (total)
74F534
VCC = MAX
OE=4.5V, Dn=GND
51
86
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITIONS
Tamb= +25°C
VCC = +5V
CL = 50pF, RL = 500Ω
Tamb = 0°C to +70°C
VCC = +5V ± 10%
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
Waveform 2
4.0
3.0
6.0
4.5
8.5
7.0
4.0
3.0
9.5
8.0
ns
tPLH
tPHL
Propagation delay
E to Qn
74F533
Waveform 3
5.0
3.0
6.5
4.5
9.5
7.0
5.0
3.0
10.0
8.0
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F533
Waveform 6
Waveform 7
2.0
2.0
4.5
5.0
7.0
7.0
2.0
2.0
8.0
8.0
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 6
Waveform 7
2.0
2.0
3.5
3.0
6.0
5.5
2.0
2.0
7.0
6.5
ns
fMAX
Maximum Clock frequency
Waveform 1
150
165
135
MHz
tPLH
tPHL
Propagation delay
CP to Qn
Waveform 1
3.0
3.0
4.5
4.5
7.0
7.0
2.5
2.5
7.5
7.5
ns
tPZH
tPZL
Output Enable time
to High or Low level
74F534
Waveform 6
Waveform 7
2.0
2.0
4.5
5.0
7.5
7.5
2.0
2.0
8.5
8.5
ns
tPHZ
tPLZ
Output Disable time
from High or Low level
Waveform 6
Waveform 7
2.0
2.0
3.5
3.5
6.5
5.5
2.0
2.0
7.5
6.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com