Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 1 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  REGplus IP20 C6Amodul 180°M
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 1 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data sheet
REGplus IP20 C6Amodul 180°M
Page 1/8
P/N
130B117003-E
EAN 4250184136545
2023/02/15
Version: AB
Illustrations
Dimensional drawing
See enlarged drawings at the end of document
Product specification
• termination unit for mounting on TH35 rails to DIN EN 60715 in electrical distribution panels for home and industrial installations
• equipped with C6Amodul 180° RJ45 individual module
• cable feed 45° from the top, plug direction 45° downwards
• certified to GHMT Cat.6A re-embedded PVP
• Cat.6A component test according to ISO/IEC 11801, DIN EN 50173-1, ANSI/TIA-568.2-D and IEC 60603-7-51, GHMT certified
• compliance with class EA up to 500 MHz according to ISO/IEC 11801, DIN EN 50173-1
• tested: component up to 600 MHz, link up to 800 MHz
• suitable for 10 GBit Ethernet (IEEE 802.3an), Remote Powering (PoE, PoE plus, UPoE and 4PPoE) and HDBaseT
• easy to install connection of data lines AWG 26/1 to 22/1 (solid wire) and AWG 26/7 to 22/7 (stranded wire) to insulation displacement
connectors (IDC)
• conductor assignment to T568A and T568B is directly printed on the stuffer cap
• migration to 25G-systems without special tools
• width of 1HP allows mounting up to 12 REG plus in standard electrical distribution panels
• When mounted as a device of protection class I, the equipotential bonding is realized directly over the top hat rail by means of an integrated
equipotential plate. This has to be connected to the equipotential bonding of the building by means of a bonding terminal
• A cover protects the module against direct contact. If mounted in distributor panels with protective insulation, protection class II is guaranteed.
In this case, it is necessary to remove the equipotential bonding spring.
• integrated dust protection cover (also colored)


Similar Part No. - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
130910-Z METZ-130910-Z Datasheet
4Mb / 6P
Modul surface mount housing 2 port pure white, unequipped
2022/07/13 Version: B
130910-Z METZ-130910-Z Datasheet
823Kb / 6P
Modul surface mount housing 3 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
584Kb / 6P
Modul surface mount housing 4 port pure white, unequipped
2022/07/13 Version: Q
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 6 port pure white, unequipped
2022/07/13 Version: S
130910-Z METZ-130910-Z Datasheet
1Mb / 6P
Modul surface mount housing 8 port pure white, unequipped
2022/07/13 Version: Q
More results

Similar Description - 130910-Z

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
1309107003-E METZ-1309107003-E Datasheet
333Kb / 8P
REGplus IP20 E-DAT modul
2023/02/14 Version: AM
1309A07003-E METZ-1309A07003-E Datasheet
244Kb / 7P
REGplus IP20 E-DAT modul coupler 180°
2023/02/15 Version: AC
130B11-E METZ-130B11-E Datasheet
787Kb / 12P
C6Amodul 180° jack
2023/02/15 Version: AU
130B11D11200-E METZ-130B11D11200-E Datasheet
2Mb / 9P
C6Amodul 1 port 180°M UP0
2022/07/15 Version: AE
130B11D21002-E METZ-130B11D21002-E Datasheet
369Kb / 9P
C6Amodul 2 port 180°M UP pure white
2023/02/02 Version: AE
130B11D21200-E METZ-130B11D21200-E Datasheet
443Kb / 9P
C6Amodul 2 port 180°M UP0
2023/02/02 Version: AF
130B11D31002-E METZ-130B11D31002-E Datasheet
378Kb / 9P
C6Amodul 3 port 180°M UP pure white
2023/02/02 Version: AE
130B11P0-E METZ-130B11P0-E Datasheet
438Kb / 8P
C6Amodul 24 port 180°M 1RU
2023/02/15 Version: Z
130B11P1-E METZ-130B11P1-E Datasheet
442Kb / 8P
C6Amodul 24 port 180°M 1RU stainless steel
2023/02/15 Version: Y
130B127003-E METZ-130B127003-E Datasheet
254Kb / 8P
REGplus IP20 C6Amodul 270°M
2023/02/15 Version: AE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com