Electronic Components Datasheet Search
  English  ▼

X  

130910-Z Datasheet(PDF) 6 Page - METZ CONNECT GmbH

Part # 130910-Z
Description  REGplus IP20 C6Amodul 180°M
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METZ [METZ CONNECT GmbH]
Direct Link  https://www.metz-connect.com/us
Logo METZ - METZ CONNECT GmbH

130910-Z Datasheet(HTML) 6 Page - METZ CONNECT GmbH

  130910-Z Datasheet HTML 1Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 2Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 3Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 4Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 5Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 6Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 7Page - METZ CONNECT GmbH 130910-Z Datasheet HTML 8Page - METZ CONNECT GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data sheet
REGplus IP20 C6Amodul 180°M
Page 6/8
P/N
130B117003-E
EAN 4250184136545
2023/02/15
Version: AB
Accessories
P/N
Designation
130898-00-I
BLIND module light gray
130898-00-RW-I
BLIND module pure white
130898-01-I
COAX modul F jack / F jack
130898-02-I
COAX modul IEC jack / F jack
130898-03-I
COAX modul IEC plug / F jack
130908-I-B1
UAE modul Cat.5e white
130909-I
UAE modul Cat.6 jack T568A white
130910-I
E-DAT modul Cat.6A 8(8) jack, T568A
130910-I-B1
E-DAT modul Cat.6A 8(8) jack, T568B
130910-Z
E-DAT modul Cat.6A 8(8) jack, T568A (12 pcs)
1309A0-I
E-DAT modul coupler 8(8) 180° class E A
1309A1-I
E-DAT modul coupler 8(8) 90° class E A
130A11-29-I
UAE modul 8(8) Cat.6A black
130A11-I
UAE modul 8(8) Cat.6A white
130B11-25-E
25Gmodul
130B11-25-Z
25Gmodul (12 pcs)
130B11-E
C6Amodul 180° jack
130B11-Z
C6Amodul 180° jack (12 pcs)
130B12-E
C6Amodul 270° jack
15091001-I
OpDAT modul ST OS2
15091071-I
OpDAT modul LC-Duplex OS2
15091072-I
OpDAT modul LC-Duplex OM3
15091075-I
OpDAT modul LC-Duplex OM4
15091076-I
OpDAT modul LC-Duplex APC OS2
1509107B-I
OpDAT modul LC-Duplex OM2
816979-0103-I
Dust protection covers for Modul patch panels
subway / REG gray
816979-0105-I
Dust protection covers for Modul patch panels
subway / REG yellow
816979-0106-I
Dust protection covers for Modul patch panels
subway / REG blue
816979-0107-I
Dust protection covers for Modul patch panels
subway / REG green
816979-0108-I
Dust protection covers for Modul patch panels
subway / REG red



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com