Electronic Components Datasheet Search
  English  ▼

X  

LM25145 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LM25145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25145 Datasheet(HTML) 42 Page - Texas Instruments

Back Button LM25145 Datasheet HTML 38Page - Texas Instruments LM25145 Datasheet HTML 39Page - Texas Instruments LM25145 Datasheet HTML 40Page - Texas Instruments LM25145 Datasheet HTML 41Page - Texas Instruments LM25145 Datasheet HTML 42Page - Texas Instruments LM25145 Datasheet HTML 43Page - Texas Instruments LM25145 Datasheet HTML 44Page - Texas Instruments LM25145 Datasheet HTML 45Page - Texas Instruments LM25145 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
9.2.2 Design 2 – High Efficiency 48-V to 12-V 400-kHz Synchronous Buck Regulator
Figure 9-17 shows the schematic diagram of a single-output synchronous buck regulator with an output voltage
of 12 V and a rated load current of 8 A. In this example, the target half-load and full-load efficiencies are 95%
and 94%, respectively, based on a nominal input voltage of 48 V that ranges from 12.5 V to 72 V. The switching
frequency is set at 400 kHz by resistor RRT
LM5148
PFM/SYNC
CNFG
PG/SYNCOUT
AGND
RT
VDDA
PGND
VOUT
ISNS+
LO
SW
HO
CBOOT
VIN
VCC
EN
VCCX
EXTCOMP
FB
VOUT = 12 V
IOUT = 8 A
* VOUT tracks VIN if VIN < 12.5 V
RRT
CVDDA
CVCC
CBOOT
CIN
CO
RS
LO
Q1
Q2
4
22 F
5 m
6.8 H
0.1 F
2.2 F
VIN = 12.5 V...72 V
54.9 k
0.1 F
RFB
48.7 k
RCNFG
41.2 k
RCOMP
4.75 k
CHF
100 pF
CCOMP
6.8 nF
VDDA
4
4.7 µF
Tie to VOUT
or GND
Tie to VDDA
or GND
Figure 9-17. Application Circuit 2 With LM5148 Buck Regulator Switching at 400 kHz
9.2.2.1 Design Requirements
Table 9-4 shows the intended input, output, and performance parameters for this design example. Reference the
LM5149-Q1EVM-400 evaluation module.
Table 9-4. Design Parameters
DESIGN PARAMETER
VALUE
Input voltage range (steady-state)
15 V to 72 V
Min transient input voltage
12.5 V
Max transient input voltage
80 V
Output voltage
12 V
Output current
8 A
Switching frequency
400 kHz
Output voltage regulation
±1%
No-load standby current
12 µA
Shutdown current
2.3 µA
Soft-start time
3 ms
LM5148
SNVSC01 – FEBRUARY 2023
www.ti.com
42
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com