Electronic Components Datasheet Search
  English  ▼

X  

LM25145 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM25145
Description  LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25145 Datasheet(HTML) 3 Page - Texas Instruments

  LM25145 Datasheet HTML 1Page - Texas Instruments LM25145 Datasheet HTML 2Page - Texas Instruments LM25145 Datasheet HTML 3Page - Texas Instruments LM25145 Datasheet HTML 4Page - Texas Instruments LM25145 Datasheet HTML 5Page - Texas Instruments LM25145 Datasheet HTML 6Page - Texas Instruments LM25145 Datasheet HTML 7Page - Texas Instruments LM25145 Datasheet HTML 8Page - Texas Instruments LM25145 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
6 Pin Configuration and Functions
NC
CNFG
RT
EXTCOMP
FB
AGND
VDDA
VCC
PGND
LO
SW
CBOOT
VCCX
PG/SYNCOUT
PFM/SYNC
EN
ISNS+
VOUT
NC
NC
2
3
4
5
6
7
8
9
10
11
23
22
21
20
19
18
17
16
15
14
Exposed
Pad
(EP)
Connect the exposed pad to AGND and PGND on the PCB.
Figure 6-1. 24-Pin VQFN RGY Package (Top View)
Table 6-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
NC
̶̶
Connect to GND at the exposed pad to improve heat spreading.
2
NC
̶̶
Connect to GND at the exposed pad to improve heat spreading.
3
CNFG
I
Connect a resistor to ground to set primary/secondary, spread spectrum enable/disable, or interleaved
operation.
4
RT
I
Frequency programming pin. A resistor from RT to AGND sets the oscillator frequency between 100 kHz
and 2.2 MHz.
5
EXTCOMP
O
Transconductance error amplifier output. If used, connect the compensation network from EXTCOMP to
AGND.
6
FB
I
Connect FB to VDDA to set the output voltage to 3.3 V. Connect FB using a 24.9 kΩ or 49.9 kΩ to VDDA
to set the output voltage to 5 V or 12 V, respectively. Install a resistor divider from VOUT to AGND to set
the output voltage setpoint between 0.8 V and 55 V. The FB regulation voltage is 0.8 V.
7
AGND
G
Analog ground connection. Ground return for the internal voltage reference and analog circuits
8
VDDA
O
Internal analog bias regulator. Connect a ceramic decoupling capacitor from VDDA to AGND.
9
VCC
P
VCC bias supply pin. Connect a ceramic capacitor between VCC and PGND.
10
PGND
G
Power ground connection pin for low-side MOSFET gate driver
11
LO
O
Low-side power MOSFET gate driver output
12
VIN
P
Supply voltage input source for the VCC regulator
13
HO
O
High-side power MOSFET gate driver output
14
SW
P
Switching node of the buck regulator and high-side gate driver return. Connect to the bootstrap capacitor,
the source terminal of the high-side MOSFET, and the drain terminal of the low-side MOSFET.
15
CBOOT
P
High-side driver supply for bootstrap gate drive
16
VCCX
P
Optional input for an external bias supply. If VVCCX > 4.3 V, VCCX is internally connected to VCC and the
internal VCC regulator is disabled.
www.ti.com
LM5148
SNVSC01 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM5148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com