Electronic Components Datasheet Search
  English  ▼

X  

LP2985-13DBVR Datasheet(PDF) 4 Page - Texas Instruments

Part # LP2985-13DBVR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13DBVR Datasheet(HTML) 4 Page - Texas Instruments

  LP2985-13DBVR Datasheet HTML 1Page - Texas Instruments LP2985-13DBVR Datasheet HTML 2Page - Texas Instruments LP2985-13DBVR Datasheet HTML 3Page - Texas Instruments LP2985-13DBVR Datasheet HTML 4Page - Texas Instruments LP2985-13DBVR Datasheet HTML 5Page - Texas Instruments LP2985-13DBVR Datasheet HTML 6Page - Texas Instruments LP2985-13DBVR Datasheet HTML 7Page - Texas Instruments LP2985-13DBVR Datasheet HTML 8Page - Texas Instruments LP2985-13DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
PREVIEW
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TJ
PART GRADE
VOUT
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
1.25 V
Reel of 3000
LP2985-12DBVR
1.25 V
Reel of 250
LP2985-12DBVT
1.35 V
Reel of 3000
LP2985-13DBVR
1.35 V
Reel of 250
LP2985-13DBVT
1.5 V
Reel of 3000
LP2985-15DBVR
1.5 V
SOT-23 (DBV)
Reel of 250
LP2985-15DBVT
1.7 V
SOT-23 (DBV)
Reel of 3000
LP2985-17DBVR
1.7 V
Reel of 250
LP2985-17DBVT
1.8 V
Reel of 3000
LP2985-18DBVR
LPH_
1.8 V
Reel of 250
LP2985-18DBVT
LPH_
2 V
Reel of 3000
LP2985-20DBVR
2 V
Reel of 250
LP2985-20DBVT
1.25 V
LP2985-12YEQR
1.35 V
LP2985-13YEQR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985-15YEQR
1.7 V
NanoStar
− WCSP
0.17-mm Bump (YEQ)
Reel of 3000
LP2985-17YEQR
1.8 V
0.17-mm Bump (YEQ)
LP2985-18YEQR
−40
°C to 125°C
Standard grade:
2 V
LP2985-20YEQR
−40
°C to 125°C
Standard grade:
1.5% tolerance
1.25 V
LP2985-12YZQR
1.5% tolerance
1.35 V
NanoFree
− WCSP
LP2985-13YZQR
1.5 V
NanoFree
 − WCSP
0.17-mm Bump
Reel of 3000
LP2985-15YZQR
1.7 V
0.17-mm Bump
(YZQ, Pb free)
Reel of 3000
LP2985-17YZQR
1.8 V
(YZQ, Pb free)
LP2985-18YZQR
2 V
LP2985-20YZQR
1.25 V
LP2985-12YEUR
1.35 V
LP2985-13YEUR
1.5 V
NanoStar
 − WCSP
Reel of 3000
LP2985-15YEUR
1.7 V
NanoStar
− WCSP
0.30-mm Bump (YEU)
Reel of 3000
LP2985-17YEUR
1.8 V
0.30-mm Bump (YEU)
LP2985-18YEUR
2 V
LP2985-20YEUR
1.25 V
LP2985-12YZUR
1.35 V
NanoFree
− WCSP
LP2985-13YZUR
1.5 V
NanoFree
 − WCSP
0.30-mm Bump
Reel of 3000
LP2985-15YZUR
1.7 V
0.30-mm Bump
(YZQ, Pb free)
Reel of 3000
LP2985-17YZUR
1.8 V
(YZQ, Pb free)
LP2985-18YZUR
2 V
LP2985-20YZUR
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV: The actual top-side marking has one additional character that designates the assembly/test site.
YEQ/YZQ, YEU/YZU: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following
character
to
designate
the
assembly/test
site.
Pin
1
identifier
indicates
solder-bump
composition
(1 = SnPb,
• = Pb-free).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com