Electronic Components Datasheet Search
  English  ▼

X  

LP2985-13DBVR Datasheet(PDF) 5 Page - Texas Instruments

Part # LP2985-13DBVR
Description  150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-13DBVR Datasheet(HTML) 5 Page - Texas Instruments

  LP2985-13DBVR Datasheet HTML 1Page - Texas Instruments LP2985-13DBVR Datasheet HTML 2Page - Texas Instruments LP2985-13DBVR Datasheet HTML 3Page - Texas Instruments LP2985-13DBVR Datasheet HTML 4Page - Texas Instruments LP2985-13DBVR Datasheet HTML 5Page - Texas Instruments LP2985-13DBVR Datasheet HTML 6Page - Texas Instruments LP2985-13DBVR Datasheet HTML 7Page - Texas Instruments LP2985-13DBVR Datasheet HTML 8Page - Texas Instruments LP2985-13DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LP2985LV
150mA LOW NOISE, LOW DROPOUT REGULATOR
WITH SHUTDOWN FOR OUTPUT VOLTAGES <2.3 V
SLVS552 − OCTOBER 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
VIN
VOUT
ON/OFF
Over-Current/
Over-Temperature
Protection
VREF
1.23 V
−
+
BYPASS
basic application circuit
VOUT
2.2
µF†
10 nFw
1
µF†
VIN
1
ON/OFF}
† Minimum COUT value for stability (can be increased without limit for improved stability and transient response)
‡ ON/OFF must be actively terminated. Connect to VIN if shutdown feature is not used.
§ Optional BYPASS capacitor for low noise operation
2
GND
3
5
4
BYPASS
LP2985A−xxDBVR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com