Electronic Components Datasheet Search
  English  ▼

X  

74F569 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F569
Description  4-bit bidirectional binary synchronous counter 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F569 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F569 Datasheet HTML 4Page - NXP Semiconductors 74F569 Datasheet HTML 5Page - NXP Semiconductors 74F569 Datasheet HTML 6Page - NXP Semiconductors 74F569 Datasheet HTML 7Page - NXP Semiconductors 74F569 Datasheet HTML 8Page - NXP Semiconductors 74F569 Datasheet HTML 9Page - NXP Semiconductors 74F569 Datasheet HTML 10Page - NXP Semiconductors 74F569 Datasheet HTML 11Page - NXP Semiconductors 74F569 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F569
4-bit bidirectional binary synchronous counter (3-State)
1996 Jan 05
8
AC SETUP REQUIREMENTS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
Waveform 6
4.0
4.0
4.5
4.5
ns
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 6
2.0
2.0
2.5
2.5
ns
ns
ts(H)
ts(L)
Setup time, High or Low
CEP or CET to CP
Waveform 7
5.0
5.0
6.0
6.0
ns
ns
th(H)
th(L)
Hold time, High or Low
CEP or CET to CP
Waveform 7
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
PE to CP
Waveform 6
8.0
8.0
9.0
9.0
ns
ns
th(H)
th(L)
Hold time, High or Low
PE to CP
Waveform 6
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
U/D to CP
Waveform 8
10.0
8.0
12.5
8.0
ns
ns
th(H)
th(L)
Hold time, High or Low
U/D to CP
Waveform 8
0
0
0
0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
SR to CP
Waveform 9
8.0
8.0
9.0
9.0
ns
ns
th(H)
th(L)
Hold time, High or Low
SR to CP
Waveform 9
0
0
0
0
ns
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform 1
7.0
5.0
8.0
6.0
ns
ns
tw(H)
MR Pulse width, Low
Waveform 5
4.5
5.0
ns
tREC
Recovery time, MR to CP
Waveform 5
6.0
7.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
tPHL
VM
VM
VM
1/fMAX
tW(L)
CP
Qn
tW(H)
tPLH
VM
SF01063
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
VM
tPHL
VM
VM
VM
CP, CEP,
CET
TC
VM
SF01064
VM
VM
tPHL
tPLH
tPLH
CC
Waveform 2. Propagation Delay, CP, CET,
and CEP to CC and CP to TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com