Electronic Components Datasheet Search
  English  ▼

X  

74F569 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F569
Description  4-bit bidirectional binary synchronous counter 3-State
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F569 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F569 Datasheet HTML 5Page - NXP Semiconductors 74F569 Datasheet HTML 6Page - NXP Semiconductors 74F569 Datasheet HTML 7Page - NXP Semiconductors 74F569 Datasheet HTML 8Page - NXP Semiconductors 74F569 Datasheet HTML 9Page - NXP Semiconductors 74F569 Datasheet HTML 10Page - NXP Semiconductors 74F569 Datasheet HTML 11Page - NXP Semiconductors 74F569 Datasheet HTML 12Page - NXP Semiconductors 74F569 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74F569
4-bit bidirectional binary synchronous counter (3-State)
1996 Jan 05
9
AC WAVEFORMS (Continued)
For all waveforms, VM = 1.5V
The shaded areas indicate when the input is permitted to change for predictable output performance.
VM
VM
VM
VM
tPLH
tPHL
CET, SR, PE
TC, CC
SF01065
Waveform 3. Propagation Delays CET to TC
and SR or PE to CC
VM
VM
VM
tPLH
tPHL
VM
U/D
TC, CC
SF01066
Waveform 4. Propagation Delays U/D to TC and CC
tPHL
VM
VM
SF01067
tREC
Qn
tW(L)
CP
MR
Waveform 5. Master Reset Pulse Width, Master Reset to
Output Delay and Master Reset to Clock Recovery Time
th
CP
VM
VM
VM
VM
VM
VM
ts
ts(L)
ts(H)
th = 0
Dn
PE
VM
VM
th = 0
SF01068
DATA
STABLE
Waveform 6. Parallel Data and Parallel Enable Setup
and Hold Times
ts(L)
CP
Qn
VM
VM
VM
VM
th(L)
th(H)
CET
CEP
ts(H)
NO
CHANGE
VM
VM
COUNT
VM
VM
NO CHANGE
SF01069
Waveform 7. Count Enable Data Setup and Hold Times
ts(L)
Qn
CP
VM
VM
VM
VM
th(L)
th(H)
U/D
ts(H)
VM
VM
COUNT DOWN
COUNT UP
SF01070
Waveform 8. Up/Down Control Setup and Hold Times
ts(L)
CP
VM
VM
VM
VM
th(L)
th(H)
SR
ts(H)
VM
VM
SF01071
Waveform 9. Synchronous Reset Setup and Hold Times
VM
VM
VM
tPHZ
tPZH
OE
Qn
VOH -0.3V
0V
SF01084
Waveform 10. 3-State Output Enable Time to High Level and
Output Disable Time from High Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com