Electronic Components Datasheet Search
  English  ▼

X  

IL250 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL250
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL250 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL250 Datasheet HTML 1Page - Vishay Siliconix IL250 Datasheet HTML 2Page - Vishay Siliconix IL250 Datasheet HTML 3Page - Vishay Siliconix IL250 Datasheet HTML 4Page - Vishay Siliconix IL250 Datasheet HTML 5Page - Vishay Siliconix IL250 Datasheet HTML 6Page - Vishay Siliconix IL250 Datasheet HTML 7Page - Vishay Siliconix IL250 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IL250, IL251, IL252, ILD252
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
4
Document Number: 83618
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - LED Forward Current vs.Forward Voltage
Fig. 2 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 3 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 4 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 5 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
Fig. 6 - Collector Emitter Current vs. Temperature and LED Current
iil250_01
- 1.5
- 1.0
- 0.5
0.0
0.5
1.0
1.5
- 60
- 40
- 20
0
20
40
60
25 °C
- 55 °C
85 °C
VF - LED Forward Voltage
iil250_02
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current (mA)
Normalized to:
VCE = 10 V, IF =10mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
iil250_03
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current (mA)
Normalized to:
VCE = 10 V, IF = 10 mA, TA = 25 °C
TA = 50 °C
CTRce(sat) VCE = 0.4 V
iil250_04
100
10
1
0.1
0.0
0.5
1.0
1.5
I
F - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V, IF = 10 mA
TA = 25 °C
CTRce(sat) VCE = 0.4 V
TA = 70 °C
iil250_05
0.1
0
100
1.5
1.0
0.5
0.0
IF - LED Current (mA)
NCTR(SAT)
NCTR
Normalized to:
VCE = 10 V,IF = 10 mA, TA =25 °C
CTRce(sat) VCE = 0.4 V
TA = 85 °C
1
1
iil250_06
60
50
30
20
10
0
0
5
10
15
20
25
30
35
50 °C
70 °C
85 °C
IF-LED Current (mA)
25 °C
40



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com