Electronic Components Datasheet Search
  English  ▼

X  

IL250 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL250
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL250 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL250 Datasheet HTML 1Page - Vishay Siliconix IL250 Datasheet HTML 2Page - Vishay Siliconix IL250 Datasheet HTML 3Page - Vishay Siliconix IL250 Datasheet HTML 4Page - Vishay Siliconix IL250 Datasheet HTML 5Page - Vishay Siliconix IL250 Datasheet HTML 6Page - Vishay Siliconix IL250 Datasheet HTML 7Page - Vishay Siliconix IL250 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IL250, IL251, IL252, ILD252
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
3
Document Number: 83618
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = ± 10 mA, VCE = 10 V
IL250
CTRDC
50
-
-
%
IL251
CTRDC
20
-
-
%
IL252, ILD252
CTRDC
100
-
-
%
Symmetry
IF = ± 10 mA
0.50
1
2
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Turn-on time
ton
-TBD
-
μs
Turn-off time
toff
-TBD
-
μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55/100/21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
t = 1 min
VISO
4420
VRMS
Maximum transient isolation voltage
VIOTM
10 000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
890
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Output safety power
PSO
400
mW
Input safety current
ISI
275
mA
Safety temperature
TS
175
°C
Creepage distance
 7mm
Clearance distance
 7mm
Insulation thickness
DTI
 0.4
mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com