Electronic Components Datasheet Search
  English  ▼

X  

IL252 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL252
Description  Optocoupler, Phototransistor Output, AC Input, with Base Connection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL252 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL252 Datasheet HTML 1Page - Vishay Siliconix IL252 Datasheet HTML 2Page - Vishay Siliconix IL252 Datasheet HTML 3Page - Vishay Siliconix IL252 Datasheet HTML 4Page - Vishay Siliconix IL252 Datasheet HTML 5Page - Vishay Siliconix IL252 Datasheet HTML 6Page - Vishay Siliconix IL252 Datasheet HTML 7Page - Vishay Siliconix IL252 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IL250, IL251, IL252, ILD252
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 21-Feb-18
5
Document Number: 83618
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Collector Emitter Leakage Current vs.Temperature
Fig. 8 - Normalized CTRCB vs. LED Current and Temperature
Fig. 9 - Collector Base Photocurrent vs. LED Current
Fig. 10 - Normalized Photocurrent vs. IF and Temperature
Fig. 11 - Normalized Non Saturated hFE vs.
Base Current and Temperature
Fig. 12 - Normalized Saturated hFE vs.
Base Current and Temperature
iil250_07
100
80
60
40
20
0
- 20
TA-Ambient Temperature (°C)
TYPICAL
VCE =10V
10 5
10 4
10 3
10 2
10 1
10 0
10 -1
10 -2
iil250_08
0.1
0.0
0.5
1.0
1.5
25 °C
50 °C
70 °C
IF - LED Current (mA)
Normalized to:
I = 10 mA
F
VCB = 9.3 V
TA = 25 °C
1
10
100
iil250_09
100
10
1
0.1
0.01
0.1
1
10
100
1000
IF -LED Current (mA)
ICB = 1.0357 *IF ^ 1.3631
TA = 25 °C
iil250_10
0.1
100
10
1
0.1
0.01
IF - LED Current (mA)
Normalized to:
IF = 10 mA, T = 25 °C
NIB-TA = -20 °C
NIb,TA =25 °C
NIb,TA =50 °C
NIb,TA =70 °C
1
10
iil250_11
1000
0.4
0.6
0.8
1.0
1.2
IB - Base Current (µA)
- 20 °C
25 °C
50 °C
70 °C
Normalized to:
IB = 20 µA
V
CE =10V
TA =25 °C
100
1
10
iil250_12
100
1000
0.0
0.5
1.0
1.5
IB - Base Current (µA)
VCE = 0.4 V
Normalized to:
VCE =10V
IB = 20 µA
TA =25 °C
70 °C
50 °C
25 °C
- 20 °C
1
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com