Electronic Components Datasheet Search
  English  ▼

X  

IL2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL2_V02 Datasheet HTML 1Page - Vishay Siliconix IL2_V02 Datasheet HTML 2Page - Vishay Siliconix IL2_V02 Datasheet HTML 3Page - Vishay Siliconix IL2_V02 Datasheet HTML 4Page - Vishay Siliconix IL2_V02 Datasheet HTML 5Page - Vishay Siliconix IL2_V02 Datasheet HTML 6Page - Vishay Siliconix IL2_V02 Datasheet HTML 7Page - Vishay Siliconix IL2_V02 Datasheet HTML 8Page - Vishay Siliconix IL2_V02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
2
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP)
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
OUTPUT
Collector emitter breakdown voltage
BVCEO
70
V
Emitter base breakdown voltage
BVEBO
7V
Collector base breakdown voltage
BVCBO
70
V
Collector current
IC
50
mA
t < 1.0 ms
IC
400
mA
Power dissipation
Pdiss
200
mW
Derate linearly from 25 °C
2.6
mW/°C
COUPLER
Package power dissipation
Ptot
250
mW
Derate linearly from 25 °C
3.3
mW/°C
Storage temperature
Tstg
-40 to +150
°C
Operating temperature
Tamb
-40 to +100
°C
Junction temperature
Tj
125
°C
Soldering temperature (1)
2.0 mm from case bottom
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 60 mA
VF
-
1.25
1.65
V
Breakdown voltage
IR = 10 μA
VBR
630
-
V
Reverse current
VR = 6.0 V
IR
-0.01
10
μA
Capacitance
VR = 0 V, f = 1.0 MHz
CO
-40
-
pF
Thermal resistance junction to lead
Rthjl
-
750
-
K/W
OUTPUT
Collector emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
-6.8
-
pF
Collector base capacitance
VCB = 5.0 V, f = 1.0 MHz
CCB
-8.5
-
pF
Emitter base capacitance
VEB = 5.0 V, f = 1.0 MHz
CEB
-11
-
pF
Collector emitter leakage voltage
VCE = 10 V
ICEO
-
5
50
nA
Collector emitter saturation voltage
ICE = 1.0 mA, IB = 20 μA
VCEsat
-0.25-
V
Base emitter voltage
VCE = 10 V, IB = 20 μA
VBE
-
0.65
-
V
DC forward current gain
VCE = 10 V, IB = 20 μA
hFE
200
650
1800
DC forward current gain saturated
VCE = 0.4 V, IB = 20 μA
hFEsat
120
400
600
Thermal resistance junction to lead
Rthjl
-
500
-
K/W
COUPLER
Capacitance (input to output)
VI-O = 0 V, f = 1.0 MHz
CIO
-0.6
-
pF
Insulation resistance
VI-O = 500 V
RS
-1014
-
Ω
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com