Electronic Components Datasheet Search
  English  ▼

X  

IL2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL2_V02 Datasheet HTML 1Page - Vishay Siliconix IL2_V02 Datasheet HTML 2Page - Vishay Siliconix IL2_V02 Datasheet HTML 3Page - Vishay Siliconix IL2_V02 Datasheet HTML 4Page - Vishay Siliconix IL2_V02 Datasheet HTML 5Page - Vishay Siliconix IL2_V02 Datasheet HTML 6Page - Vishay Siliconix IL2_V02 Datasheet HTML 7Page - Vishay Siliconix IL2_V02 Datasheet HTML 8Page - Vishay Siliconix IL2_V02 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
3
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CURRENT TRANSFER RATIO
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Current transfer ratio
(collector emitter saturated)
IF = 10 mA, VCE = 0.4 V
CTRCEsat
-
170
-
%
Current transfer ratio
(collector emitter)
IF = 10 mA, VCE = 10 V
CTRCE
100
200
500
%
Current transfer ratio
(collector base)
IF = 10 mA, VCB = 9.3 V
CTRCB
-0.25-
%
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
NON-SATURATED
Current time
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
IF
-4
-
mA
Delay time
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
tD
-1.7
-
μs
Rise time
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
tr
-2.6
-
μs
Storage time
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
ts
-0.4
-
μs
Fall time
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
tf
-2.2
-
μs
Propagation H to L
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
tPHL
-1.2
-
μs
Propagation L to H
VCE = 5 V, RL = 75
Ω,
tP measured at 50 % of output
tPLH
-2.3
-
μs
SATURATED
Current time
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
IF
-5
-
mA
Delay time
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tD
-1
-
μs
Rise time
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tr
-2
-
μs
Storage time
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tS
-5.4
-
μs
SATURATED
Fall time
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tf
-
13.5
-
μs
Propagation H to L
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tPHL
-5.4
-
μs
Propagation L to H
VCE = 0.4 V, RL = 1.0 k
Ω,
VCL = 5 V, VTH = 1.5 V
tPLH
-7.4
-
μs
COMMON MODE TRANSIENT IMMUNITY
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Common mode rejection
output high
VCM = 50 VP-P, RL = 1 k
Ω, IF = 10 mA
|CMH|
-
5000
-
V/μs
Common mode rejection
output low
VCM = 50 VP-P, RL = 1 k
Ω, IF = 10 mA
|CML|
-
5000
-
V/μs
Common mode coupling
capacitance
CCM
-0.01-
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com