Electronic Components Datasheet Search
  English  ▼

X  

ILQ32 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ILQ32
Description  Optocoupler, Photodarlington Output, High Gain (Quad Channel)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ32 Datasheet(HTML) 4 Page - Vishay Siliconix

  ILQ32 Datasheet HTML 1Page - Vishay Siliconix ILQ32 Datasheet HTML 2Page - Vishay Siliconix ILQ32 Datasheet HTML 3Page - Vishay Siliconix ILQ32 Datasheet HTML 4Page - Vishay Siliconix ILQ32 Datasheet HTML 5Page - Vishay Siliconix ILQ32 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83650
4
Rev. 1.8, 24-May-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ILQ32
Vishay Semiconductors
Optocoupler, Photodarlington Output,
High Gain (Quad Channel)
Fig. 3 - Normalized Non-Saturated and Saturated Collector Emitter
Current vs. LED Current
Fig. 4 - Low to High Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 5 - High to low Propagation Delay vs.
Collector Load Resistance and LED Current
Fig. 6 - Switching Timing
Fig. 7 - Switching Schematic
iild32_03
100
1
0.1
0.001
0.01
0.1
1
10
Vce = 1 V
Vce = 10 V
I
F - LED Current (mA)
Ta = 25 °C
IF = 10 mA
Vce = 10 V
Normalized to:
7
iild32_04
0
5
10
15
20
0
20
40
60
80
T
A = 25 °C, V
= 10 V
CC
V
th = 1.5 V
220
Ω
470
Ω
I
F - LED Current (mA)
100
Ω
1k
Ω
iild32_05
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
I
F - LED Current (mA)
T
A
=25 °C
V
CC=10 V
V
th =1.5 V
iild32_06
IF
tR
VO
tD
tS
tF
tPH L
tPLH
V
= 1.5 V
TH
iild32_07
V
O
R
L
V
CC = 10 V
I
F = 5 mA
f = 10 kHz
DF = 50 %



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com