Electronic Components Datasheet Search
  English  ▼

X  

EM4056 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4056
Description  2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4056 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4056 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
EM4056
Copyright
© 2005, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
2KBIT Read/Write with ANTICOLLISION
Contactless Identification Device
Description
The EM4056 is a CMOS integrated circuit intended for
use in contactless Read/Write transponders.
The user’s configurable 2 kbits EEPROM memory
contained in the chip is organised in 125 words of 16 bits,
each word can be irreversibly protected against reading
or/and writing attempts.
The user can define a password and protect part or all of
the memory.
Serial and identification numbers are laser programmed
during
IC
manufacturing.
A
reserved
application
numbering may be made available and customer specific
on request.
The EM4056 transmits its data towards the reader by
amplitude modulation of the magnetic field and receives
the commands from the reader in a similar way.
Simple set of commands allow the dialogue between the
EM4056 and the reader. Read and write commands
access directly to an address of memory.
The EM4056 has a built-in anticollision protocol which
allows an unlimited number of transponders in the reader
field to dialogue simultaneously.
The transmission antenna is the only external element
required, all the other elements are integrated on chip.
Features
•
2 kBits EEPROM organized in 125 words of 16 bits
•
3 words of 16 Bits Laser ROM for application number
and serial number
•
Programmable (OTP) Read and/or Write Protection
on every word
•
Programmable PIN coverage of the memory
(0, 25,
50, 75 or 100 %)
•
Power check for EEPROM Write operation
•
Reader Talk First communication protocol
•
Data transmission performed by Amplitude
Modulation (ASK) and Biphase (CDP) coding
•
Data rate 2 KBauds (Bit Period = 64 periods of carrier
frequency)
•
100 to 150kHz carrier frequency
•
Long range Read/Write operations
•
Block check of data transmission (CRC)
•
Anticollision protocol based on unique ID
number(unlimited number of tags)
•
PIN Code identification linked with counter of false
attempts
•
On chip arithmetic operation (addition, comparison of
secret and non secret data, etc.)
•
340pF
± 3% on chip Resonant Capacitor
•
No external supply buffer capacitance
•
On chip Rectifier and Voltage Limiter
Applications
• Ticketing
• Hands free Access control
• Prothesis identification
• Prepayment devices
• Manufacturing automation with portable database
• Industrial logistics
Typical Operating Configuration
C2
EM4056
L
Typical value for inductance L is 4.78mH at fO = 125 KHz
C1
Fig. 1
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4056

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
More results

Similar Description - EM4056

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com