Electronic Components Datasheet Search
  English  ▼

X  

EM4056 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM4056
Description  2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4056 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM4056 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4056 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
EM4056
Copyright
© 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Block Diagram
Analog
Circuit
Safety
(incl. PIN Code)
Adder
Anticollision
Logic Circuit
Modulator
Demodulator
Serial Input
Serial Output
CLK
Antenna
(Coil)
EEPROM
Power Supply
Addressing
Laser ROM
3x16 bit
Memory
Write/Read
Protection (OTP)
125 x 16 bit
EEPROM
Fig. 2
System Principle
Reader
125kHz EM coupling
Demodulator
Oscillator
Decoder
Command Mode
Reader Coil
Transponder Coil
Answer Mode
Transponder Coil
Reader Coil
Reader
Coil
Reader
Modulator
Serial
Interface
RS232
EM4056
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com