Electronic Components Datasheet Search
  English  ▼

X  

SC2268 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC2268
Description  REMOTE CONTROL ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2268 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC2268 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silan
Semiconductors
SC2268
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Supply Voltage
VCC
0~6.0
V
Input/Output Voltage
VIN/VOUT
Vss-0.2V ~ VCC+0.3V
V
Power Dissipation
PD
500
mW
Operating Temperature
Topr
-20 ~ +70
°C
Storage Temperature
Tstg
-55 ~ +125
°C
ELECTRICAL CHARACTERISTICS(Tamb=0 ~ 70°C,VCC-VSS =3 ± 10%V,Unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Operating Voltage
VCC
--
2.2
3
5
V
Operating Current(note)
IOP
OSC On, TxOUT is floating.
--
0.5
1
mA
Standy-by Current
ISB
I1 ~ I8 = “L” OSC Stops.
TxOUT is floating.
0.5
1
3
µA
VOL=2.2V, VDD=3V
8
15
--
Sinking Current of TxOUT
ISINK
VOL=1.5V, VDD=3V
4
6
--
mA
High Level
VIH
--
0.7VCC
--
VCC
Input Voltage of
I1 ~I8
Low level
VIL
--
0
--
0.3VCC
V
Input Pull-Low Resistor
RL
--
30
50
80
k
Ω
Input Pull-High Resistor
RH
--
40
90
150
k
Ω
Oscillation frequency
fOSC
--
--
455
--
kHz
Note: For pins I1 ~ I8 : Any one of the said pins is set to HIGH while the others are set to LOW.
PIN DESCRIPTION
Pin No.
Symbol
I/O
Function
1~8
I1 ~ I8
I
Key input pins.
These pins are used to connect a maximum of 8 keys.
(each pin has a built-in pull-low resistor).
9
Vss
--
Negative power supply.
11~12
C4~C5
I
Select input pin for start word.
These pins have internal pull-low resistor.
10
C6
I
Select input pin for start word.
This pins have internal pull-high resistor.
13
TxOUT
O
Transmission output pin.
This pin is an open drain (NMOS) output and is used to transmit
signals. The carrier frequency is 38kHz.
15
OSCI
I
Oscillator Input Pin
14
OSCO
O
Oscillator Outpu Pin
These pins are used to externally
connect a 455kHz ceramic resonator.
16
Vcc
--
Positive power supply.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com