Electronic Components Datasheet Search
  English  ▼

X  

SC2268 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC2268
Description  REMOTE CONTROL ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2268 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC2268 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2268 Datasheet HTML 6Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silan
Semiconductors
SC2268
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
3
FUNCTIONAL DESCRIPTION
1. KEY INPUT
Up to eight keys can be directly connected to pins I1 ~
I8. Please refer to the diagram right.
Furthermore, SC2268 has a buit-in pull-low resistor of
about 60K ~ 110K
Ω which reduces the need for
external components.
1
2
3
4
5
6
7
8
SC2268
I1
I2
I3
I4
I5
I6
I7
I8
Vcc
2. OSCILLATOR
An oscillation circuit can be constructed using the
CMOS inverter and Built-in Feedback resistor, 455kHz
crystal and two 220pf capacitors. The carrier frequency
is 38kHz.
Unless any of the 8 keys (I1~I8) is being operated,
the oscillation is automatically stopped. Thus, power
consumption is considerably reduced.
OSCI
455kHz
OSCO
220pf
220pf
SC2268
15
14
3. TRANMISSION WAVEFORM
When any of the 8 keys (I1 ~ I8) is set to “High”, the TxOUT outputs one start word followed by 2 identical
data words and a space. The code will be continuously outputted until the key is released. If for any
reason, the key was released during the code transmission process, the code that is being transmitted
during the key release action will still be completely outputted. Please refer to the following diagram.
Start
Word
Data
Word
Data
Word
Space
Start
Word
Data
Word
Data
Word
Space
Start
Word
Data
Word
Data
Word
Space
20ms
80ms
1 Frame = 80ms
I1 ~ I8
Tx OUT
*OSC = 455kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com