Electronic Components Datasheet Search
  English  ▼

X  

74F641 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F641
Description  Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F641 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F641 Datasheet HTML 1Page - NXP Semiconductors 74F641 Datasheet HTML 2Page - NXP Semiconductors 74F641 Datasheet HTML 3Page - NXP Semiconductors 74F641 Datasheet HTML 4Page - NXP Semiconductors 74F641 Datasheet HTML 5Page - NXP Semiconductors 74F641 Datasheet HTML 6Page - NXP Semiconductors 74F641 Datasheet HTML 7Page - NXP Semiconductors 74F641 Datasheet HTML 8Page - NXP Semiconductors 74F641 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F641/74F642*
Transceivers
1999 Jan 08
5
* Discontinued part. Please see the Discontinued Products List.
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +VCC
V
IOUT
Current applied to output in Low output state
A0–A7
48
mA
IOUT
Current a
lied to out ut in Low out ut state
B0–B7
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
4.5
V
IOL
Low-level output current
A0–A7
24
mA
IOL
Low-level out ut current
B0–B7
64
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
IOH
High-level output current
VCC = MIN, VIL = MAX,
VIH = MIN, VOH = MAX
250
µA
A0–A7
V
MIN
IOL = 24mA
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
A0–A7
VCC = MIN,
VIL = MAX
IOL = 24mA
±5%VCC
0.35
0.50
V
VOL
Low-level out ut voltage
B0–B7
VIL = MAX,
VIH = MIN,
IOL = 48mA
±10%VCC
0.38
0.55
V
B0–B7
IH
,
IOL = 64mA
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum
T/R, OE
VCC = 0.0V, VI = 7.0V
100
µA
II
input voltage
An, Bn
VCC = 5.5V, VI = 5.5V
1
mA
IIH
High-level input current
T/R, OE
VCC = MAX VI =2 7V
40
µA
IIH
High-level in ut current
An, Bn
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
T/R, OE
VCC = MAX VI =0 5V
–40
µA
IIL
Low-level in ut current
An, Bn
VCC = MAX, VI = 0.5V
–20
µA
74F641
ICCH
An=T/R=4.5, OE=GND
60
90
mA
ICC
Supply current
74F641
ICCL
VCC = MAX
T/R=4.5V, An=OE=GND
78
120
mA
ICC
y
(total)
74F642
ICCH
VCC = MAX
An=T/R=OE=4.5V
37
55
mA
74F642
ICCL
An=T/R=4.5V, OE=GND
67
98
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com