Electronic Components Datasheet Search
  English  ▼

X  

74F641 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F641
Description  Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F641 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F641 Datasheet HTML 2Page - NXP Semiconductors 74F641 Datasheet HTML 3Page - NXP Semiconductors 74F641 Datasheet HTML 4Page - NXP Semiconductors 74F641 Datasheet HTML 5Page - NXP Semiconductors 74F641 Datasheet HTML 6Page - NXP Semiconductors 74F641 Datasheet HTML 7Page - NXP Semiconductors 74F641 Datasheet HTML 8Page - NXP Semiconductors 74F641 Datasheet HTML 9Page - NXP Semiconductors 74F641 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Philips Semiconductors
Product specification
74F641/74F642*
Transceivers
1999 Jan 08
7
* Discontinued part. Please see the Discontinued Products List.
AC WAVEFORMS (Continued)
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
An or Bn
OE
tPLH
tPHL
SF01151
Waveform 3. Propagation Delay for OE to An or Bn Outputs
(74F642) (Bn or An Inputs in High State)
VM
VM
VM
VM
An or Bn
OE
tPLH
tPHL
SF01151
Waveform 4. Propagation Delay for OE to An or Bn Outputs
(74F641) (Bn or An Inputs in Low State)
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00777
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open
SWITCH POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com