Electronic Components Datasheet Search
  English  ▼

X  

74F652A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F652A
Description  Transceivers/registers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F652A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F652A Datasheet HTML 2Page - NXP Semiconductors 74F652A Datasheet HTML 3Page - NXP Semiconductors 74F652A Datasheet HTML 4Page - NXP Semiconductors 74F652A Datasheet HTML 5Page - NXP Semiconductors 74F652A Datasheet HTML 6Page - NXP Semiconductors 74F652A Datasheet HTML 7Page - NXP Semiconductors 74F652A Datasheet HTML 8Page - NXP Semiconductors 74F652A Datasheet HTML 9Page - NXP Semiconductors 74F652A Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
Product specification
74F651A/74F652A
Transceivers/registers
1999 Jun 23
6
ABSOLUTE MAXIMUM RATINGS
Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
72
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High-level output current
–15
mA
IO
Low level output current
Commercial range
48
mA
IOL
Low-level output current
Industrial range (74F652A only)
36
mA
T
Operating free air temperature range
Commercial range
0
+70
°C
Tamb
Operating free air temperature range
Industrial range (74F652A only)
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com