Electronic Components Datasheet Search
  English  ▼

X  

74F652A Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F652A
Description  Transceivers/registers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F652A Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F652A Datasheet HTML 5Page - NXP Semiconductors 74F652A Datasheet HTML 6Page - NXP Semiconductors 74F652A Datasheet HTML 7Page - NXP Semiconductors 74F652A Datasheet HTML 8Page - NXP Semiconductors 74F652A Datasheet HTML 9Page - NXP Semiconductors 74F652A Datasheet HTML 10Page - NXP Semiconductors 74F652A Datasheet HTML 11Page - NXP Semiconductors 74F652A Datasheet HTML 12Page - NXP Semiconductors 74F652A Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74F651A/74F652A
Transceivers/registers
1999 Jun 23
9
AC ELECTRICAL CHARACTERISTICS FOR 74F652A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C Tamb = –40°C to +85°C
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
SYMBOL
PARAMETER
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
155
175
140
140
ns
tPLH
tPHL
Propagation delay
CPAB or CPBA to An or Bn
Waveform 1
5.0
5.0
7.5
7.0
10.0
10.0
4.5
4.5
11.5
10.5
4.5
4.5
11.5
10.5
ns
tPLH
tPHL
Propagation delay
An or Bn to Bn or An
Waveform 1
4.0
3.0
6.0
5.0
9.0
8.0
3.5
2.5
10.0
8.5
3.5
2.5
10.0
8.5
ns
tPLH
tPHL
Propagation delay
SAB or SBA to An or Bn
Waveform 2, 3
4.5
4.0
7.0
8.0
10.0
10.0
4.0
4.0
11.0
11.5
4.0
4.0
11.0
11.5
ns
tPZH
tPZL
Output enable time1
OEAB or OEBA to An or Bn
Waveform 7, 8
3.0
3.5
5.0
6.0
8.0
8.5
2.5
3.0
8.5
9.0
2.5
3.0
8.5
9.0
ns
tPHZ
tPLZ
Output disable time
OEAB or OEBA to An or Bn
Waveform 7, 8
1.5
2.5
4.0
6.0
7.0
8.5
1.0
2.0
7.5
9.0
1.0
2.0
7.5
9.0
ns
AC SETUP REQUIREMENTS FOR 74F652A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C Tamb = –40°C to +85°C
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
VCC = +5.0V ± 10%
UNIT
SYMBOL
PARAMETER
CONDITION
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
CL = 50pF,
RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
An or Bn to CPAB or CPBA
Waveform 4
3.5
4.0
4.0
4.5
4.0
4.5
ns
th (H)
th (L)
Hold time, high or low
An or Bn to CPAB or CPBA
Waveform 4
0
0
0
0
0
0
ns
tsu (H)
tsu (L)
Setup time, high or low
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
5.0
5.0
5.0
5.0
5.0
5.0
ns
th (H)
th (L)
Hold time, high or low
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
0
0
0
0
0
0
ns
tw (H)
tw (L)
Pulse width, high or low
CPAB or CPBA
Waveform 1
4.0
3.5
4.5
4.0
4.5
4.0
ns
Note to AC setup requirements for 74F652A
1. Setup time is to protect against surge current caused by enabling 16 outputs (48mA per output) simultaneously.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com