Electronic Components Datasheet Search
  English  ▼

X  

EM4550 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM4550
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4550 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM4550 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 12Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
8
www.emmicroelectronic.com
If bit 16 of the control word is disabled (Password Check ON/OFF), the Login is still mandatory to modify the Protection
Word, the Control Word, and the Password, but not to write in the EEPROM which is not write inhibited. In order to modify a
write inhibited word, the Protection word has to be modified first. The Read protected area always requires the Login to be
read. If the Write Protection Word is write protected, the write protection configuration is locked.
Write Password
When a Write Password command is received, the chip next expects information on the actual valid password. The chip
sends back an ACK pattern if the password is correct. Then the chip expects the new password consisting of 32 bits +
parity bit to be stored in the EEPROM. The chip will respond with an ACK pattern for a correct reception of data upon
reception of the new password, and then will send another acknowledge pattern (ACK) to announce that the data is stored
in the EEPROM. The Read after Write function has no effect on this command. If the password is wrong or the transmission
is faulty, the chip will : send a NAK pattern; return to the Standard Read Mode; and, the password will remain the same.
(Refer to Write Word for password data structure).
Fig. 14
Write Word
The Write mode allows modification of the EEPROM contents word by word. To modify address 1 (Protection word) and
address 2 (Control word), it is mandatory to first send a Login command in order to Log in (like in a computer). The new
written values will take effect only after performing a Reset command. It is strongly recommended to check the result of
modifying the contents of these addresses effecting the function of the chip. Address 0 (Password) cannot be modified with
this command but can be changed with the Write Password command.
Addresses 3 to 31 are programmable according to the defined protections. If the Password Check bit is off (bit 16 of control
word) and the word is not write inhibited, the selected word can be freely modified without password. If the Password Check
bit is on and the word is not write inhibited, the selected word can be modified with a previous Login. In any case, if the
word is write inhibited, the protection word has to be changed before programming can occur.
Write to Address
Check Password bit
(bit 16 / Control word)
Write Inhibit
(Protection word)
Write Operation
0
X
X
Only with Write Password
command
1 – 2
X
OFF
Login always required
1 – 2
X
ON
Write configuration LOCKED
3 – 31
OFF
OFF
Freely programmable
3 – 31
ON
OFF
Login required
3 – 31
X
ON
Change protection word first
The Write Word command is followed by the address and data. The address consists of a 9 bit block containing 8 data bits
and 1 even parity bit. Only 6 bits from the data section are used for the word addressing, and the first three bits sent must
be "0". The data consists of 4 times 9 bit blocks, each block consisting of 8 data bits and 1 associated even parity bit and
one additional block consisting of 8 column parity bits and "0" as stop bit (Refer to fig. 7)
D31 D30 D29 D28 D27 D26 D25 D24 P3 D23 D22 D21 D20 D19 D18 D17 D16 P2 D15 D14
D13 D12 .......................... D02 D01 D00 P0 PC7 PC6 PC5 PC4 PC3 PC2 PC1 PC0 "0"
0 0 A5 A4 A3 A2 A1 A0
Padd
Address
Data
First bit received
Note :
A5 in write mode always "0"
(addresses Laser ROM)
Fig. 15
WORD n
LIW
RM WRITE PW
ACTUAL PW
ACK LIW LIW FWR
t
pp
output
input
ACK LIW
RM NEW PW
ACK
t
wa
t
wee
TRANSCEIVER RF FIELD "ON"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com