Electronic Components Datasheet Search
  English  ▼

X  

EM4550 Datasheet(PDF) 12 Page - EM Microelectronic - MARIN SA

Part # EM4550
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4550 Datasheet(HTML) 12 Page - EM Microelectronic - MARIN SA

Back Button EM4550 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 16Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
12
www.emmicroelectronic.com
While the transceiver is sending data to the transponder, two different modulations will be observed on both coils. During
the first half of the bit period, the EM4450/4550 is switching "ON" its modulation device causing a modulation of the RF field.
This modulation can also be observed on the transceiver's coil. The transceiver sending a bit "0" will switch "OFF" the field,
causing a 100% modulation being observed on the transponder coil.
Transceiver
Coil
Transponder
Coil
"1"
"1"
"1"
"0"
"0"
"0"
16
16
Periods of RF field (Opt 32):
Bit Period
DATA :
Modulation induced by the Transceiver
Modulation induced by the Transponder
16
*
* Recommended
Minimum
: 7/4 periods (Opt64/Opt32)
16
Periods of RF field (Opt 64):
32
32
32
32
: 1 period
Opt64 is the chip option with a bit period corresponding to 64 priods of the RF field
Opt32 is the chip option with a bit period corresponding to 32 priods of the RF field
Fig. 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com