Electronic Components Datasheet Search
  English  ▼

X  

74F657 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F657
Description  Octal transceiver with 8-bit parit generator/checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F657 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F657 Datasheet HTML 1Page - NXP Semiconductors 74F657 Datasheet HTML 2Page - NXP Semiconductors 74F657 Datasheet HTML 3Page - NXP Semiconductors 74F657 Datasheet HTML 4Page - NXP Semiconductors 74F657 Datasheet HTML 5Page - NXP Semiconductors 74F657 Datasheet HTML 6Page - NXP Semiconductors 74F657 Datasheet HTML 7Page - NXP Semiconductors 74F657 Datasheet HTML 8Page - NXP Semiconductors 74F657 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74F657
Octal transceiver with 8-bit parity generator/checker
90 July 30
5
FUNCTION TABLE
NUMBER OF INPUTS THAT ARE HIGH
INPUTS
INPUT/OUTPUT
OUTPUTS
OE
T/R
ODD/EVEN
PARITY
ERROR
OUTPUTS MODE
0, 2, 4, 6, 8
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
H
L
H
L
H
L
Z
Z
H
L
L
H
Transmit
Transmit
Receive
Receive
Receive
Receive
1, 3, 5, 7
L
L
L
L
L
L
H
H
L
L
L
L
H
L
H
H
L
L
L
H
H
L
H
L
Z
Z
L
H
H
L
Transmit
Transmit
Receive
Receive
Receive
Receive
Don’t care
H
X
X
Z
Z
Z
Notes to function table
1. H = High voltage level
2. L
= Low voltage level
3. X = Don’t care
4. Z = High impedance ”’off” state
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
A0 – A7
48
mA
B0 – B7, PARITY, ERROR
128
mA
Tamb
Operating free air temperature range
Commercial range
0 to +70
°C
Industrial range
–40 to +85
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
A0 – A7
–3
mA
B0 – B7, PARITY, ERROR
–15
mA
IOL
Low–level output current
A0 – A7
24
mA
B0 – B7, PARITY, ERROR
64
mA
Tamb
Operating free air temperature range
Commercial range
0
+70
°C
Industrial range
–40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com