Electronic Components Datasheet Search
  English  ▼

X  

74F657 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F657
Description  Octal transceiver with 8-bit parit generator/checker
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F657 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F657 Datasheet HTML 2Page - NXP Semiconductors 74F657 Datasheet HTML 3Page - NXP Semiconductors 74F657 Datasheet HTML 4Page - NXP Semiconductors 74F657 Datasheet HTML 5Page - NXP Semiconductors 74F657 Datasheet HTML 6Page - NXP Semiconductors 74F657 Datasheet HTML 7Page - NXP Semiconductors 74F657 Datasheet HTML 8Page - NXP Semiconductors 74F657 Datasheet HTML 9Page - NXP Semiconductors 74F657 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74F657
Octal transceiver with 8-bit parity generator/checker
90 July 30
6
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
All outputs
IOH = –3mA4,5
±10%VCC
2.4
V
VCC = MIN,
±5%VCC
2.7
V
VOH
High-level output voltage
B0 – B7,
VIL = MAX,
IOH = –12mA5
±10%VCC
2.0
V
PARITY,
VIH = MIN
±5%VCC
2.0
V
ERROR
IOH = –15mA4
±10%VCC
2.0
V
±5%VCC
2.0
V
A0 – A7
IOL = 24mA4,5
±10%VCC
0.35
0.50
V
VCC = MIN,
±5%VCC
0.35
0.50
V
VOL
Low-level output voltage
B0 – B7,
VIL = MAX,
IOL = 48mA4
±10%VCC
0.38
0.55
V
PARITY,
VIH = MIN
IOL = 48mA5
±5%VCC
0.42
0.55
V
ERROR
IOL = 64mA4
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
-1.2
V
Input current at
OE, T/R,
ODD/EVEN
VCC = 0.0V, VI = 7.0V
100
µA
II
maximum input voltage
A0 – A7
VCC = 5.5V, VI = 5.5V
2
mA
B0 – B7
1
mA
OOD/EVEN
204
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
405
µA
OE, T/R
404
µA
805
µA
IIL
Low–level input current
OOD/EVEN
VCC = MAX, VI = 0.5V
–20
µA
OE, T/R
–40
µA
IOZH + IIH
Off–state output current,
high–level voltage applied
A0 – A7,
B0 – B7,
VCC = MAX, VO = 2.7V
70
µA
IOZL + IIL
Off–state output current,
low–level voltage applied
PARITY
VCC = MAX, VO = 0.5V
–70
µA
IOZH
Off–state output current,
High–level voltage applied
ERROR
VCC = MAX, VO = 2.7V
50
µA
IOZL
Off–state output current,
low–level voltage applied
VCC = MAX, VO = 0.5V
–50
µA
IOS
Short circuit output current3
A0 – A7
VCC = MAX
-60
-150
mA
B0 – B7
-100
-225
mA
ICCH
90
1254
mA
90
1355
mA
ICC
Supply current (total)
ICCL
VCC = MAX
106
1504
mA
106
1605
mA
ICCZ
98
145
mA
Notes to DC electrical characteristics
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. For commercial range.
5. For industrial range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com