Electronic Components Datasheet Search
  English  ▼

X  

74F674 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F674
Description  16-bit serial/parallel-in, serial-out shift register 3-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F674 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F674 Datasheet HTML 1Page - NXP Semiconductors 74F674 Datasheet HTML 2Page - NXP Semiconductors 74F674 Datasheet HTML 3Page - NXP Semiconductors 74F674 Datasheet HTML 4Page - NXP Semiconductors 74F674 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
74F674
16-bit serial/parallel-in, serial-out shift register (3-State)
1
1989 Feb 05
853–1248 92263
FEATURES
• 16-bit serial I/O shift register
• 16-bit parallel-in/serial-out converter
• Recirculating serial shifting
• Common serial data I/O pin (3-State)
DESCRIPTION
The 74F674 is a 16-bit shift register with serial and parallel load
capability and serial output. A single pin serves alternately as an
input for serial entry or as a 3-State serial output. In the serial out
mode the data recirculates in the register. Chip Select, Read/Write
and Mode inputs provide control flexibility. The 74F674 operates in
one of four modes, as indicated in the Function table.
Hold: A High signal on the Chip Select (CS) input prevents clocking
and forces the Serial Input/Output (SI/O) 3-State buffer into the high
impedance state.
Serial load: Data present on the SI/O pin shifts into the register on
the falling edge of CP. Data enters the Q0 position and shifts toward
Q15 on successive clocks.
Serial output: The SI/O 3-State buffer is active and the register
contents are shifted out from Q15 and simultaneously shifted back
into Q0.
Parallel load: Data present on D0–D15 is entered into the register
on the falling edge of CP. The SI/O 3-State buffer is active and
represents the Q15 output. To prevent false clocking, CP must be
Low during a Low-to-High transition of CS.
PIN CONFIGURATION
24
1
VCC
CS
23
22
21
20
19
18
17
16
10
15
9
8
7
6
5
4
3
2
D15
D14
D11
D10
D9
D8
CP
M
SI/O
D1
D2
D3
D13
D12
NC
R/W
SF01188
D0
D7
14
12
13
11
D6
D4
GND
D5
TYPE
TYPICAL fMAX
TYPICAL SUPPLY
CURRENT
(TOTAL)
74F674
95MHz
55mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
24-Pin Plastic Slim DIP
(300mil)
N74F674N
24-Pin Plastic SOL
N74F674D
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0–D15
Parallel data inputs
1.0/1.0
20
µA/0.6mA
CS
Chip Select input (active Low)
1.0/1.0
20
µA/0.6mA
CP
Clock Pulse input (active falling edge)
1.0/1.0
20
µA/0.6mA
M
Mode select input
1.0/1.0
20
µA/0.6mA
R/W
Read/Write input
1.0/1.0
20
µA/0.6mA
SI/O
Serial data input or
3.5/1.0
70mA/0.6mA
SI/O
Serial 3-state output
150/40
3.0mA/24mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the High state and 0.6mA in the Low state.


Similar Part No. - 74F674

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673APC FAIRCHILD-74F673APC Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673ASC FAIRCHILD-74F673ASC Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F673ASPC FAIRCHILD-74F673ASPC Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
More results

Similar Description - 74F674

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
NXP Semiconductors
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com