Electronic Components Datasheet Search
  English  ▼

X  

74F674 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F674
Description  16-bit serial/parallel-in, serial-out shift register 3-State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F674 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F674 Datasheet HTML 1Page - NXP Semiconductors 74F674 Datasheet HTML 2Page - NXP Semiconductors 74F674 Datasheet HTML 3Page - NXP Semiconductors 74F674 Datasheet HTML 4Page - NXP Semiconductors 74F674 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
74F674
16-bit serial/parallel-in, serial-out shift register (3-State)
1989 Feb 05
4
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
SYMBOL
PARAMETER
TEST
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST
CONDITIONS
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITIONS
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fMAX
Maximum clock frequency
Waveform 1
80
95
70
MHz
tPLH
tPHL
Propagation delay
CP to SI/O
Waveform 1
7.0
6.0
9.5
8.5
12.5
11.5
6.5
5.5
14.0
12.5
ns
ns
tPZH
tPZL
Output Enable time
CS to SI/O
Waveform 3
Waveform 4
5.5
7.0
8.5
9.5
11.0
12.5
5.0
6.5
12.5
14.0
ns
ns
tPHZ
tPLZ
Output Disable time
CS to SI/O
Waveform 3
Waveform 4
3.0
4.5
6.0
7.5
8.5
10.0
3.0
4.5
10.0
11.5
ns
ns
tPZH
tPZL
Output Enable time
R/W to SI/O
Waveform 3
Waveform 4
6.0
7.5
8.5
10.0
11.5
13.0
5.5
7.0
13.0
14.0
ns
ns
tPHZ
tPLZ
Output Disable time
R/W to SI/O
Waveform 3
Waveform 4
5.0
5.5
7.5
8.0
10.5
11.0
4.5
5.0
12.0
13.5
ns
ns
AC SETUP REQUIREMENTS
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C
Tamb = 0°C to +70°C
UNIT
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
SI/O to CP
Waveform 2
2.0
2.0
2.5
2.5
ns
ns
th(H)
th(L)
Hold time, High or Low
SI/O to CP
Waveform 2
1.5
1.5
2.0
2.0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
Dn to CP
Waveform 2
1.5
1.0
2.0
1.0
ns
ns
th(H)
th(L)
Hold time, High or Low
Dn to CP
Waveform 2
3.0
4.0
3.0
4.0
ns
ns
ts(H)
ts(L)
Setup time, High or Low
M to CP
Waveform 2
2.0
5.5
2.5
6.0
ns
ns
th(H)
th(L)
Hold time, High or Low
M to CP
Waveform 2
0.0
0.0
1.0
1.0
ns
ns
ts(L)
Setup time, Low
CS to CP
Waveform 2
8.0
9.0
ns
th(H)
Hold time, High
CS to CP
Waveform 2
0.0
0.0
ns
tw(H)
tw(L)
CP Pulse width,
High or Low
Waveform 1
3.5
4.5
4.0
5.0
ns
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com