Electronic Components Datasheet Search
  English  ▼

X  

74F74 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F74
Description  Dual D-type flip-flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F74 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F74 Datasheet HTML 1Page - NXP Semiconductors 74F74 Datasheet HTML 2Page - NXP Semiconductors 74F74 Datasheet HTML 3Page - NXP Semiconductors 74F74 Datasheet HTML 4Page - NXP Semiconductors 74F74 Datasheet HTML 5Page - NXP Semiconductors 74F74 Datasheet HTML 6Page - NXP Semiconductors 74F74 Datasheet HTML 7Page - NXP Semiconductors 74F74 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F74
Dual D-type flip-flop
1996 Mar 12
4
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN V = MAX V = MIN
IO = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VCC = MIN, VIL = MAX, VIH = MIN
IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN V = MAX V = MIN
IO = MAX
±10%VCC
0.30
0.50
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX, VIH = MIN
IOL = MAX
±5%VCC
0.30
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
-0.73
-1.2
V
II
Input current at maximum input
voltage
VCC = MAX, VI = 7.0V
100
µA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
I
Low-level input
Dn, CPn
VCC = MAX, VI = 0.5V
-0.6
mA
IIL
current
SDn, RDn
VCC = MAX, VI = 0.5V
-1.8
mA
IOS
Short-circuit output current3
VCC = MAX
-60
-150
mA
ICC
Supply current (total) 4
VCC = MAX
11.5
16
mA
NOTES:
1
For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2
All typical values are at VCC = 5V, Tamb = 25°C.
3
Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4
Measure ICC with the clock input grounded and all outputs open, then with Q and Q outputs high in turn.
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = –40°C to +85°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
100
125
100
90
MHz
tPLH
tPHL
Propagation delay
CPn to Qn or Qn
Waveform 1
3.8
4.4
5.3
6.2
6.8
8.0
3.8
4.4
7.8
9.2
3.8
4.4
8.5
9.2
ns
tPLH
tPHL
Propagation delay
SDn, RDn to Qn or Qn
Waveform 2
3.2
3.5
4.6
7.0
6.1
9.0
3.2
3.5
7.1
10.5
3.2
2.5
7.5
10.5
ns
AC SETUP REQUIREMENTS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5.0V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
VCC = +5.0V ± 10%
Tamb = –40°C to +85°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
Dn to CPn
Waveform 1
2.0
3.0
2.0
3.0
2.0
3.0
ns
th (H)
th (L)
Hold time, high or low
Dn to CPn
Waveform 1
1.0
1.0
1.0
1.0
1.0
1.0
ns
tw (H)
tw (L)
CPn pulse width,
high or low
Waveform 1
4.0
5.0
4.0
5.0
4.0
5.0
ns
tw (L)
SDn, RDn pulse width,
low
Waveform 2
4.0
4.0
4.0
ns
trec
Recovery time
SDn, RDn to CPn
Waveform 3
2.0
2.0
2.0
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com