Electronic Components Datasheet Search
  English  ▼

X  

PCM4L Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # PCM4L
Description  PTP Clock Manager for Linux
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PCM4L Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button PCM4L Datasheet HTML 10Page - Renesas Technology Corp PCM4L Datasheet HTML 11Page - Renesas Technology Corp PCM4L Datasheet HTML 12Page - Renesas Technology Corp PCM4L Datasheet HTML 13Page - Renesas Technology Corp PCM4L Datasheet HTML 14Page - Renesas Technology Corp PCM4L Datasheet HTML 15Page - Renesas Technology Corp PCM4L Datasheet HTML 16Page - Renesas Technology Corp PCM4L Datasheet HTML 17Page - Renesas Technology Corp PCM4L Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
R31DS0087EU0101 Rev.1.01
Page 14
Sep.28.21
pcm4l Datasheet
2.2.2
Phase Slope Limit and Instant Reference Switching
The phase slope limiting feature can be configured to limit the rate of output phase movement when the servo
switches from one RT to another. The following parameters in “ptpPacketReferenceSwitch” configuration are used
for phase slope limiting:
▪ “referenceSwitchType” – Set type to “PhaseSlopeLimit” to select reference switch type as phase slope limited
switch.
▪ “phaseSlopeLimit” – The limit of output phase movement rate in the unit of nanosecond per second.
If “referenceSwitchType” is set to “PhaseSlopLimit” and the slave is time locked to the target master, the value of
“phaseSlopeLimit” will be applied when there is a switch between RTs. If “referenceSwitchType” is set to
“PhaseSlopeLimit” and the slave is frequency locked to the target master, the frequency lock threshold will be
applied when the reference switch occurs.
If “referenceSwitchType” is set to “Instant”, no phase slope limit will be applied if the slave ToD offset to the target
master is larger than 10 microseconds, or 1 ppm per second phase slope limit will be applied if the offset is less
than 10 microseconds.
2.2.3
Reference Switching Thresholds
These thresholds take effect only if the reference switch type is hitless or phase slope limited. If the reference
switch type is hitless and the absolute value of the ToD offset is within the thresholds, then apply a hitless switch;
otherwise, apply a phase slope limit. If the reference switch type is phase slope limited and the absolute value of
the ToD offset is within the thresholds, then apply PSL; otherwise, apply a hitless switch.
The reference switch thresholds are configured by the JSON parameters lowerTodThresholdNanoseconds and
upperTodThresholdNanoseconds.
2.2.4
Revertive/Non-revertive Switching (G.8265)
Revertive switching is the default behavior for switching between masters. When the best master, as selected by
the telecom master selection algorithm, is registered or restored due to loss of signal, etc, the servo will switch
from the master it is currently tracking to the new best master.
When revertive switching is disabled, master switching is non-revertive (i.e., servo will only switch to different
master if the current master is disqualified due to loss of signal, etc.). One exception is when the new master that
comes up is a better master than the current master the servo is tracking and the servo has not achieved
frequency lock with the current master yet; in this case, the servo will switch to the new master.
2.2.5
Wait-to-Restore (G.8265)
When configured, wait-to-restore ensures the previously disqualified RT (due to signal failure, etc.) is only again
considered for the best master selection when it is fault-free for the time period specified by the wait to restore
time.
The wait to restore time can be configured globally for all masters using the configuration parameter
“masterWaitToRestoreTimeoutValue”, or individually using the management API function
mngApi_SetWaitToRestoreTimeout().
The following management API functions can be used to monitor/query wait to restore time for each individual
master:
▪ mngApi_GetWaitToRestoreTimeout – Returns the current value of wait to restore time
▪ mngApi_IsWaitToRestoreTimerRunning – Checks whether wait to restore timer is running
▪ mngApi_ClearWaitToRestoreTimer – Clears the running wait to restore timer
The unit for wait to restore time is in seconds to allow for configuration flexibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com