| Electronic Components Datasheet Search |
|
PCM4L Datasheet(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
PCM4L Datasheet(HTML) 15 Page - Renesas Technology Corp |
|
15 / 38 page ![]() R31DS0087EU0101 Rev.1.01 Page 15 Sep.28.21 pcm4l Datasheet 2.2.6 Master Lock-out (G.8265) The user has the option to lock out certain masters. By locking out the master, it will be excluded from the master selection consideration. The following management APIs are used for master lock-out: ▪ mngApi_SetG82651MasterLockoutEnable – Enable/disable master lock out ▪ mngApi_GetG82651MasterLockoutEnable – Query whether master is locked out 2.3 APTS Supervisor The APTS Supervisor is a state machine implemented in the device adaptor that monitors the GNSS DPLL channel and periodically sends time and frequency information to the reference trackers. The APTS Supervisor provides a high-level indication of the operational status of the GNSS clock. There are four states in the APTS Supervisor: ▪ Unqualified – Nothing is asserted about the quality of the GNSS clock in this state. The APTS Supervisor starts in the state. ▪ Wait First TOD Read – The GNSS DPLL channel is locked and qualified. In this state it will attempt to get a PTP ToD from the PTP channel. Once the initial ToD is retrieved, it will enter the Locked state. ▪ GNSS Locked – The GNSS DPLL channel is locked and qualified. The GNSS and PTP output clocks are phase/time synchronized to the local time reference. ▪ GNSS Holdover – The APTS Supervisor has lost its local time reference with no other qualified references available and it uses the stored data acquired in Locked mode to control its output clock. After entering holdover, the accuracy of the GNSS outputs depends on its local clock (i.e., from physical layer assistance [SyncE traceable to PRC] or local XO). If the holdover timer expires, the APTS Supervisor will return to the Unqualified state. 2.4 Local Oscillator State Machine (LOSM) The LOSM is a core component of the PCM and is the main part of the RTS. The states may be interpreted as signaling the quality of the Local PTP Clock in relation to its active input reference, if such a reference exists. Input references may take the form of a remote GM or BC, electrical references such as SyncE, or local GNSS reference. The LOSM follows the PTP clock modes as described in ITU-T G.8275.1 Appendix V and G.8275.2 Appendix IV. The LOSM provides a high-level indication of the operational status of the entire clock. This can then be used to map to PTP port states as defined in IEEE 1588 and provide a mapping to content of the Announce message fields. The following table provides a mapping of the LOSM state and the ITU-T clock mode. Table 1. ITU-T Clock Mode Mapping ITU-T Clock Mode pcm4l LOSM Clock State ptp4l Clock Servo State Free-Run Unqualified S0 Acquiring Lock Acquisition S1 Locked Frequency Locked / Time Locked S2 (/ S3) Holdover-In-Specification Holdover-In-Specification N/A Holdover-Out-Of-Specification Holdover-Out-Of-Specification N/A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |