Electronic Components Datasheet Search
  English  ▼

X  

9000440 Datasheet(PDF) 3 Page - AVX Corporation

Part # 9000440
Description  GPS/GLONASS/Beidou/Galileo FPC Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9000440 Datasheet(HTML) 3 Page - AVX Corporation

  9000440 Datasheet HTML 1Page - AVX Corporation 9000440 Datasheet HTML 2Page - AVX Corporation 9000440 Datasheet HTML 3Page - AVX Corporation 9000440 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DATASHEET |
Part No. 9000440
VSWR and Peak Gain Plots
Typical characteristics with 150 mm cable,
antenna is mounted directly on plastic material.
Y
Z
X
X
y
z
Housing made of
PC/ABS plastic
9000440
© KYOCERA AVX
tel +(1) 858.550.3820
email: eth.info@KYOCERA-AVX.com
GNSS KYOCERA AVX’s FPC Embedded Antenna Specifications
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com