Electronic Components Datasheet Search
  English  ▼

X  

9000440 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9000440
Description  GPS/GLONASS/Beidou/Galileo FPC Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9000440 Datasheet(HTML) 1 Page - AVX Corporation

  9000440 Datasheet HTML 1Page - AVX Corporation 9000440 Datasheet HTML 2Page - AVX Corporation 9000440 Datasheet HTML 3Page - AVX Corporation 9000440 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KYOCERA AVX’s embedded GNSS Antenna delivers high RF performance
and functionality in M2M designs where a more standard GPS patch
approach is not possible. This innovative antenna provides compelling
advantages for GNSS enabled M2M / IoT applications such as vehicle
tracking or asset tracking. Based on a flexible substrate, this GNSS antenna
can maintain high efficiency in various device configurations. In addition, the
9000440 antenna can be integrated easily to the end product.
DATASHEET
Part No. 9000440
Product: GNSS FPC
Antenna
11/7/2019
Proprietary
1.560 GHz, 1.575 GHz,
1.598 GHz, 1.606 GHz
Electrical Specifications
Typical characteristics with 150 mm cable, antenna is mounted directly on
plastic material.
Ordering Part Number
9000440
Dimensions (mm)
41.0 ± 0.2 length
15.5 ± 0.2 width
Connector Type
U.FL compatible
Weight (grams)
0.5 antenna only
Cable (mm)
150
Operating Temperature
Range (°C)
-40~+85
Mechanical Specifications & Ordering Part Number
KEY BENEFITS
Part No. 9000440
GPS/GLONASS/Beidou/Galileo FPC Antenna
1.560 GHz, 1.575 GHz, 1.598 GHz, 1.606 GHz
Supports: Tracking, Smart Home, Agriculture, Automotive, Healthcare, Digital Signage, Wearables, Industrial Devices
GPS / GLONASS / Beidou /
Galileo FPC Antenna
Reduced Costs and
Time-to-Market
Standard antenna eliminates
design fees and cycle time
associated with a custom solution;
getting products to market faster.
Quicker Time-to-Market
By optimizing antenna size,
performance and emissions,
customer and regulatory
specifications are more easily met.
Reliability
Products are the latest RoHS
version compliant.
APPLICATIONS
• Embedded
design
• POS,
Headsets,
Tablets
• Gateway,
Access
Point
• Handheld
• Telematics
• Tracking
• Healthcare
• M2M,
Industrial
devices
• Smart Grid
• OBD-II
Frequency (GHz)
1.559
–
1.563
1.575
1.559
–
1.591
1.593
–
1.610
GNSS Bands
Beidou
GPS
Galileo
Glonass
Peak Gain (dBi)
2.4
2.4
2.5
2.5
Efficiency (%)
49
47
50
46
VSWR
< 2.3:1
Polarization
Linear
Radiation Pattern
Omni-directional
Feed Point Impedance
50 Ω unbalanced
www.KYOCERA-AVX.com


Similar Part No. - 9000440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
900044 ETC-900044 Datasheet
6Mb / 68P
Contacts
May 2019
More results

Similar Description - 9000440

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
M4HCT-22-P MAXTENA-M4HCT-22-P Datasheet
260Kb / 1P
PASSIVE GPS GLONASS GALILEO BEIDOU ANTENNA
M4HCT-A-SMA MAXTENA-M4HCT-A-SMA Datasheet
843Kb / 4P
L1: GPS, GLONASS, GALILEO, BEIDOU
M7HCT-A-SMA MAXTENA-M7HCT-A-SMA Datasheet
1Mb / 6P
L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2021
M8HCT-A-SMA MAXTENA-M8HCT-A-SMA Datasheet
1Mb / 8P
L1: GPS, GLONASS, GALILEO, BEIDOU
M1593CWT MAXTENA-M1593CWT Datasheet
2Mb / 5P
L1: GPS, GLONASS, GALILEO, BEIDOU
REV A
M9706CWT-UFL MAXTENA-M9706CWT-UFL Datasheet
1Mb / 6P
L1: GPS, GLONASS, GALILEO, BEIDOU
April 6, 2019
M9706CWT MAXTENA-M9706CWT Datasheet
1Mb / 6P
L1: GPS, GLONASS, GALILEO, BEIDOU
June 12, 2019
M9708CWT MAXTENA-M9708CWT Datasheet
1Mb / 7P
L1: GPS, GLONASS, GALILEO, BEIDOU
June 28, 2020
logo
AVX Corporation
1002649 AVX-1002649 Datasheet
1Mb / 5P
GPS/GLONASS/Beidou/Galileo Patch Dual Feed Antenna
9/27/2021
1004322 AVX-1004322 Datasheet
583Kb / 3P
GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com