Electronic Components Datasheet Search
  English  ▼

X  

PRO-EB-476 Datasheet(PDF) 13 Page - Abracon Corporation

Part # PRO-EB-476
Description  OnBoard 868/915/8682400 MHz - Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-EB-476 Datasheet(HTML) 13 Page - Abracon Corporation

Back Button PRO-EB-476 Datasheet HTML 9Page - Abracon Corporation PRO-EB-476 Datasheet HTML 10Page - Abracon Corporation PRO-EB-476 Datasheet HTML 11Page - Abracon Corporation PRO-EB-476 Datasheet HTML 12Page - Abracon Corporation PRO-EB-476 Datasheet HTML 13Page - Abracon Corporation PRO-EB-476 Datasheet HTML 14Page - Abracon Corporation PRO-EB-476 Datasheet HTML 15Page - Abracon Corporation PRO-EB-476 Datasheet HTML 16Page - Abracon Corporation PRO-EB-476 Datasheet HTML 17Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 868/915/868+2400 MHz - Antenna
PRO-OB-471
34.00 x 11.53 x 4.93 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Radiation Characteristics – 2D Pattern “SMD 868+2400” at 2500 MHz
VP: Vertical Polarization
HP: Horisontal Polarization
Unit: dBi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com