Electronic Components Datasheet Search
  English  ▼

X  

PRO-EB-476 Datasheet(PDF) 14 Page - Abracon Corporation

Part # PRO-EB-476
Description  OnBoard 868/915/8682400 MHz - Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

PRO-EB-476 Datasheet(HTML) 14 Page - Abracon Corporation

Back Button PRO-EB-476 Datasheet HTML 10Page - Abracon Corporation PRO-EB-476 Datasheet HTML 11Page - Abracon Corporation PRO-EB-476 Datasheet HTML 12Page - Abracon Corporation PRO-EB-476 Datasheet HTML 13Page - Abracon Corporation PRO-EB-476 Datasheet HTML 14Page - Abracon Corporation PRO-EB-476 Datasheet HTML 15Page - Abracon Corporation PRO-EB-476 Datasheet HTML 16Page - Abracon Corporation PRO-EB-476 Datasheet HTML 17Page - Abracon Corporation PRO-EB-476 Datasheet HTML 18Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ABRACON IS
ISO9001-2015
CERTIFIED
Hidden Creek Ln Spicewood TX 78669
5101
Phone: 512-371-6159 | Fax: 512-351-8858
REVISED:
For terms and conditions of sales, please visit:
www.abracon.com
OnBoard 868/915/868+2400 MHz - Antenna
PRO-OB-471
34.00 x 11.53 x 4.93 mm
RoHS/RoHS II Compliant
MSL Level = 1
Request Samples
Check Inventory
Evaluation Board Outline & Matching Circuit (“SMD 868” or “SMD 915”)
The evaluation board is developed to simplify antenna (PRO-OB-471) testing and evaluation. It has an arbitrary size
of 120 x 50 mm and includes an SMA connector. The purpose is to give a reference design for an optimal antenna
implementation. The evaluation board can also be used to test other implementations by cutting and soldering the PCB
into any device. For this antenna the evaluation board is available with three different tuning options, two of which is:
1.
Evaluation board “SMD 868” (PRO-EB-472) for 860-870 MHz operation
2.
Evaluation board “SMD 915” (PRO-EB-476) for 902-928 MHz operation.
Evaluation board outline
The evaluation board has a matching circuit implemented next to the antenna. This is aimed to enable optimization
possibilities for the user. The component positions are sized for 0402 (1005 metric) SMD components.
M
atching circuit
The antenna needs a matching circuit to adjust the resonant frequency balance. When delivered, the evaluation board
is tuned for optimum balance for 868 MHz or 915 MHz using the following (can be replaced by equivalent):
However, it is common that the resonant frequency will shift during implementation in an arbitrary device. Therefore,
this matching may be changed with other values/components/brands for compensation of such effects. This is further
described in General Implementation Guidelines section below.
Component
“SMD 868” (PRO-EB-472)
“SMD 915” (PRO-EB-476)
C4
N/A
N/A
C5
5.6 pF (Murata GJM1555C1H5R6WB01)
1.5 nH (Murata LQW15AN1N5B00)
C6
2.2 pF (Murata GJM1555C1H2R2WB01)
5.6 pF (Murata GJM1555C1H5R6WB01)
C6
C4
C5
Antenna feed
Transmission line
C6
C5
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com