Electronic Components Datasheet Search
  English  ▼

X  

74F776 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74F776
Description  Pi-bus transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F776 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74F776 Datasheet HTML 3Page - NXP Semiconductors 74F776 Datasheet HTML 4Page - NXP Semiconductors 74F776 Datasheet HTML 5Page - NXP Semiconductors 74F776 Datasheet HTML 6Page - NXP Semiconductors 74F776 Datasheet HTML 7Page - NXP Semiconductors 74F776 Datasheet HTML 8Page - NXP Semiconductors 74F776 Datasheet HTML 9Page - NXP Semiconductors 74F776 Datasheet HTML 10Page - NXP Semiconductors 74F776 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74F776
Pi–bus transceiver
December 19, 1990
7
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
IOH
High–level output current
B0 – B7
VCC = MAX, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
IOFF
Power–off output current
B0 – B7
VCC = 0.0V, VIL = MAX, VIH = MIN, VOH = 2.1V
100
µA
VCC = MIN,
IOH = –3mA, VX =VCC
2.5
VCC
V
VOH
High-level output voltage
A0 – A74
VIL = MAX, VIH = MIN
IOH = –4mA,
VX =3.13V and 3.47V
2.5
V
A0 – A74
VCC = MIN,
IOL = 20mA, VX = VCC
0.50
V
VOL
Low-level output voltage
B0 – B7
VIL = MAX
IOL = 100mA
1.15
V
VIH = MIN
IOL = 4mA
0.40
V
VIK
Input clamp voltage
A0 – A7
VCC = MIN, II = IIK
-0.5
V
Except A0 – A7
VCC = MIN, II = IIK
-1.2
V
II
Input current at
OEBn, OEA, LE
VCC = 0.0V, VI = 7.0V
100
µA
maximum input voltage
A0 – A7, B0 – B7
VCC = MAX, VI = 5.5V
1
mA
IIH
High–level input current
OEBn, OEA, LE
VCC = MAX, VI = 2.7V, Bn –An =0V
20
µA
B0 – B7
VCC = MAX, VI = 2.1V
100
µA
IIL
Low–level input current
OEBn, OEA, LE
VCC = MAX, VI = 0.5V
–20
µA
B0 – B7
VCC = MAX, VI = 0.3V
–100
µA
IOZH + IIH
Off state output current,
high level voltage applied
A0 – A7
VCC = MAX, VO = 2.7V
70
µA
IOZL + IIL
Off state output current,
low level voltage applied
A0 – A7
VCC = MAX, VO = 0.5V
–70
µA
IX
High–level control current
VCC = MAX, VX = VCC, LE = OEA = OEBn =
2.7V, A0 – A7 = 2.7V, B0 – B7 = 2.0V,
–100
100
µA
VCC = MAX, VX = 3.13 & 3.47V, LE = OEA =
2.7V, OEBn = A0 – A7 = 2.7V, B0 – B7 = 2.0V,
–10
10
µA
IOS
Short circuit output
current3
A0 – A7 only
VCC = MAX, Bn = 1.8V, OEA = 2.0V,
OEBn = 2.7V
-60
-150
mA
ICCH
VCC = MAX
65
100
mA
ICC
Supply current (total)
ICCL
VCC = MAX, VIL = 0.5V
100
145
mA
ICCZ
75
100
mA
Notes to DC electrical characteristics
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
Unless otherwise specified, VX = VCC for all test conditions.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.
4. Due to test equipment limitations, actual test conditions are for VIH =1.8v and VIL = 1.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com