Electronic Components Datasheet Search
  English  ▼

X  

74F776 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F776
Description  Pi-bus transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F776 Datasheet(HTML) 3 Page - NXP Semiconductors

  74F776 Datasheet HTML 1Page - NXP Semiconductors 74F776 Datasheet HTML 2Page - NXP Semiconductors 74F776 Datasheet HTML 3Page - NXP Semiconductors 74F776 Datasheet HTML 4Page - NXP Semiconductors 74F776 Datasheet HTML 5Page - NXP Semiconductors 74F776 Datasheet HTML 6Page - NXP Semiconductors 74F776 Datasheet HTML 7Page - NXP Semiconductors 74F776 Datasheet HTML 8Page - NXP Semiconductors 74F776 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74F776
Pi–bus transceiver
December 19, 1990
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
19
20
21
22
23
24
25
26
27
28
VCC
11
12
13
14
15
16
17
18
LE
B0
B1
GND
B2
B3
GND
B4
B5
B6
GND
B7
OEB1
OEB0
OEA
A0
GND
A1
A2
A3
GND
A4
A5
GND
A6
A7
VX
SF00422
PIN CONFIGURATION PLCC
4
3
2
1
28
27
25
24
23
22
21
20
11
10
9
8
7
6
18
16
17
15
14
13
26
19
12
5
PLCC
A1
A2
A3
GND
A4
A5
GND
VCC
OEA
A0
GND
LE
B0
B1
GND
OEB0
B7
VX
A7
A6
OEB1
GND
B2
B3
GND
B4
B5
B6
SF00423
IEC/IEEE SYMBOL
2
3
&
EN2
EN1
EN3
ID
27
26
24
23
21
20
19
17
5
6
7
9
10
12
13
3
15
16
28
2
SF00424
LOGIC SYMBOL
VCC = Pin 1, VX = Pin 14
GND = Pin 4, 8, 11, 18, 22, 25
15
2
28
16
OEB0
OEA
LE
OEB1
B0 B1 B2 B3 B4 B5 B6 B7
27 26 24 23 21 20 19 17
35
67
9
10 12 13
A0 A1 A2 A3 A4 A5 A6 A7
SF00425
PIN DESCRIPTION
SYMBOL
PINS
TYPE
NAME AND FUNCTION
A0 – A7
3, 5, 6, 7, 9, 10, 12, 13
I/O
PNP latched input/3–state output (with VX control option)
B0 – B7
27, 26, 24, 23, 21, 20, 19, 17
I/O
Data input with special threshold circuitry to reject noise/ open collector output, high
current drive
OEB0
15
Input
Enables the B outputs when both pins are low
OEB1
16
Input
OEA
2
Input
Enables the A outputs when high
LE
28
Input
Latched when high (a special feature is built in for proper enabling times)
VX
14
Input
Clamping voltage keeping VOH from rising above VX (VX = Vcc for normal use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com