Electronic Components Datasheet Search
  English  ▼

X  

EM6520 Datasheet(PDF) 49 Page - EM Microelectronic - MARIN SA

Part # EM6520
Description  MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6520 Datasheet(HTML) 49 Page - EM Microelectronic - MARIN SA

Back Button EM6520 Datasheet HTML 45Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 46Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 47Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 48Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 49Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 50Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 53Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
EM6520
03/02 REV. D/449
Copyright
 2002, EM Microelectronic-Marin SA
49
www.emmicroelectronic.com
18 EM6520 Electrical specifications
18.1 Absolute maximum ratings
Min.
Max.
Units
Power supply VDD-VSS
- 0.2
+ 6
V
Input voltage
VSS - 0,2
VDD+0,2
V
Storage temperature
- 40
+ 125
°C
Electrostatic discharge to
Mil-Std-883C Method 3015.7 with ref. to VSS
-2000
+2000
V
Maximum soldering conditions
10s x 250
°C
Stresses above these listed maximum ratings may cause permanent damage to the device.
Exposure beyond specified electrical characteristics may affect device reliability or cause malfunction.
18.2 Handling Procedures
This device has built-in protection against high static voltages or electric fields; however, anti-static precautions
should be taken as for any other CMOS component.
Unless otherwise specified, proper operation can only occur when all terminal voltages are kept within the
supply voltage range.
18.3
Standard Operating Conditions
Parameter
MIN
TYP
MAX
Unit
Description
Temperature
0
25
60
°C
VDD_Range
2
3.0
5.5
V
with
internal voltage regulator
VSS
0
V
Reference terminal
CVDDCA (note 1)
100
nF
regulated voltage capacitor
fq
32768
Hz
nominal frequency
Rqs
35
kOhm
typical quartz serial resistance
CL
8.2
pF
typical quartz load capacitance
df/f
+/- 30
ppm
quartz frequency tolerance
Note 1:
This capacitor filters switching noise from VDD to keep it away from the internal logic cells.
In noisy systems the capacitor should be chosen bigger than minimum value.
18.4 DC characteristics - Power Supply
Conditions: Vdd=3.0V, T=25°C, unless otherwise specified
Parameter
Conditions
Symb.
Min.
Typ.
Max.
Unit
ACTIVE Supply Current
(note2,3)
IVDDa
811
uA
(in active mode with LCD on)
0 ... 60°C (note2,3)
IVDDa
12
uA
STANDBY Supply Current
IVDDh
1.1
1.7
uA
(in Halt mode, LCDOff)
0 ... 60°C
IVDDh
2.0
uA
SLEEP Supply Current
IVDDs
0.1
0.3
uA
0 ... 60°C
IVDDs
0.5
uA
POR static level
0 ... 60°C, No Load on Vreg
VPOR
1.6
2.0
V
RAM data retention
0 ... 60°C
Vrd
1.6
V
Regulated voltage
Halt Mode, No Load
Vreg
22.3
V
Note 2:
LCD Display NOT connected.
Note 3:
For test reasons, the user has to provide a test loop with successive writing and reading of two different
addresses (5 instructions should be reserved for this measurement).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com