Electronic Components Datasheet Search
  English  ▼

X  

EM6520 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM6520
Description  MFP version of EM6620 Ultra Low Power Microcontroller 4x8 LCD Driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6520 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM6520 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6520 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
EM6520
03/02 REV. D/449
Copyright
 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
MFP version of EM6620
Ultra Low Power Microcontroller 4x8 LCD Driver
Features
• Low Power
- 8 µA active mode, LCD On
- 1.1 µA standby mode, LCD Off
- 0.1 µA sleep mode
@ 3 V, 32 kHz, 25°C
• Large Voltage range, 2 to 5.5 V
• SVLD, default (2.4V)
• EEPROM, 2048 × 16 bits
• RAM, 64 × 4 bits
• 2 clocks per instruction cycle
• 72 basic instructions
• Oscillation supervisor
• Timer watchdog (2 sec)
• Max. 8 inputs ; port A, port B
• max. 4 outputs ; port B
• LCD 8 segments, 3 or 4 times multiplexed
• Universal 10-bit counter, PWM, event counter
• Prescaler down to 1 Hz (crystal = 32 KHz)
• 1/1000 sec, 12 bit binary coded decimal counter
with hard or software start/stop function
• Frequency output 1Hz, 2048 Hz, 32 KHz, PWM
• 7 internal interrupt sources (BCD counter,
• 2×10-bit counter, 3× prescaler, SVLD)
• 5 external interrupt sources (port A, compare)
Description
The EM6520 is an advanced single chip CMOS 4-
bit microcontroller. It contains EEPROM, RAM,
power on reset, watchdog timer, oscillation
detection
circuit,
10
bit
up/down
counter,
Millisecond counter, prescaler, voltage level detec-
tor (SVLD), compare input, frequency output, LCD
driver and several clock functions. The low voltage
feature and low power consumption make it the
most suitable controller for battery, stand alone and
mobile equipment. The EM6520 is manufactured
using EM Microelectronic’s Advanced Low Power
(ALP) CMOS Process.
Typical Applications
• Timing device
• Medical applications
• Domestic appliance
• Timer / sports timing devices
• Safety and security devices
• Automotive controls with display
• Measurement equipment
• Interactive system with display
• Bicycle computers
Figure 1. Architecture
Figure 2. Pin Configuration
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM6520

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6520 EMMICRO-EM6520 Datasheet
274Kb / 28P
Mask Rom
More results

Similar Description - EM6520

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
logo
Maxim Integrated Produc...
MAXQ2000 MAXIM-MAXQ2000 Datasheet
1Mb / 39P
Low-Power LCD Microcontroller
Rev 2; 12/04
logo
Ceramate Technical
CM2915 CERAMATE-CM2915 Datasheet
364Kb / 19P
LCD Driver (19x4) with Key Scan (4x8)
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
LCD Driver with Key Scan(4x8)
logo
EM Microelectronic - MA...
EM6522 EMMICRO-EM6522 Datasheet
1Mb / 68P
MFP version of EM6622 Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6620 EMMICRO-EM6620 Datasheet
863Kb / 56P
Ultra Low Power Microcontroller with 4x8 LCD Driver
EM6621 EMMICRO-EM6621 Datasheet
746Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6622 EMMICRO-EM6622 Datasheet
892Kb / 70P
Ultra Low Power Microcontroller with 4x32 LCD Driver
EM6625 EMMICRO-EM6625 Datasheet
988Kb / 69P
Ultra Low Power Microcontroller with 4x20 LCD Driver
EM6626 EMMICRO-EM6626 Datasheet
1Mb / 69P
Ultra Low Power Microcontroller with 4x32 LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com