Electronic Components Datasheet Search
  English  ▼

X  

JC-SERIES Datasheet(PDF) 3 Page - Japan Automatic Machine Co., Ltd.

Part # JC-SERIES
Description  5 Position Housing Connector Crimp 22-30 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

JC-SERIES Datasheet(HTML) 3 Page - Japan Automatic Machine Co., Ltd.

  JC-SERIES Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
JC
Board in
Connector
167
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
2
JC25-02HG
2.5
5.5
ナイロン66
(Nylon66)
UL94 V-0
3
JC25-03HG
5.0
8.0
4
JC25-04HG
7.5
10.5
5
JC25-05HG
10.0
13.0
6
JC25-06HG
12.5
15.5
7
JC25-07HG
15.0
18.0
8
JC25-08HG
17.5
20.5
9
JC25-09HG
20.0
23.0
10
JC25-10HG
22.5
25.5
11
JC25-11HG
25.0
28.0
12
JC25-12HG
27.5
30.5
13
JC25-13HG
30.0
33.0
14
JC25-14HG
32.5
35.5
15
JC25-15HG
35.0
38.0
(UNIT:mm)
ハウジング 
HOUSING
A
B
1.5
(1.5)
2.5
3.4
No.1
HG
JC25
極数【Pole No.】
A
02……2極【Poles】
15……15極【Poles】
※※
A
品番構成 
PRODUCT NO.
1,000
個数/袋
Quantity/Bag



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com