Electronic Components Datasheet Search
  English  ▼

X  

JC-SERIES Datasheet(PDF) 1 Page - Japan Automatic Machine Co., Ltd.

Part # JC-SERIES
Description  5 Position Housing Connector Crimp 22-30 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

JC-SERIES Datasheet(HTML) 1 Page - Japan Automatic Machine Co., Ltd.

  JC-SERIES Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. JC-SERIES Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JC
Board in
Connector
165
Board in
Connector
●端子はアングルとストレートの2タイプ。
●アングル、ストレートどちらのタイプもハウジング共用。
●Two types terminals, angle and straight, are available.
●Housing is common use for both angle and straight.
極数
Poles
2∼15P
極間ピッチ
Pitch between poles
2.5mm
定格電圧
Rated Voltage
AC.DC250V
定格電流
Rated Current
3A
耐電圧
Withstand Voltage
AC1000V/1分間
/min
絶縁抵抗
Insulation Resistance
1000MΩ以上
over
使用温度範囲
Temperature Range
−20∼+85℃
適用プリント基板厚み
Applicable P.C.B. Thickness
1.2∼1.6mm
適用プリント基板穴径
Applicable P.C.B. Hole dia.
φ1.2mm(両サイド / Both sides φ1.0±0.05mm)
適用電線範囲
Wire Size
AWG #22∼#30
ファイル番号
File No.
UL
E 120251
極間ピッチ
Pitch between poles
2.5mm
JC
製品名
Product Name
ピッチ
コネクタ
JC connector
特長
FEATURES
仕様
SPECIFICATION
取得規格
APPLIED REGULATIONS


Similar Part No. - JC-SERIES

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
JC-SLN-13 AMPHENOL-JC-SLN-13 Datasheet
80Kb / 4P
Suitable for use in conditions of high
JC-SLN-17 AMPHENOL-JC-SLN-17 Datasheet
80Kb / 4P
Suitable for use in conditions of high
JC-SLN-20 AMPHENOL-JC-SLN-20 Datasheet
80Kb / 4P
Suitable for use in conditions of high
JC-SLN-26 AMPHENOL-JC-SLN-26 Datasheet
80Kb / 4P
Suitable for use in conditions of high
JC-SLN-28 AMPHENOL-JC-SLN-28 Datasheet
80Kb / 4P
Suitable for use in conditions of high
More results

Similar Description - JC-SERIES

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008520105 MOLEX1-0008520105 Datasheet
99Kb / 3P
KK짰 Cat Ear Crimp Terminal 8088, 22-30 AWG, Tin, Reel
0008500136 MOLEX1-0008500136 Datasheet
172Kb / 3P
KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0008520106 MOLEX1-0008520106 Datasheet
97Kb / 2P
KK짰 Cat Ear Crimp Terminal 8088, 22-30 AWG, Tin, Loose
0008500135 MOLEX1-0008500135 Datasheet
172Kb / 3P
KK짰 Cat Ear Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0357450110 MOLEX5-0357450110 Datasheet
120Kb / 3P
Crimp Terminal 35745, 20-22 AWG
63900-4800 MOLEX11-63900-4800 Datasheet
50Kb / 1P
FineAdjust Applicator for Crimp Terminal, 22-30 AWG Wire
0008500136 MOLEX1-0008500136_17 Datasheet
48Kb / 1P
KK 254 Crimp Terminal 4809, 22-30 AWG, Tin, Bag
0008650106 MOLEX1-0008650106_17 Datasheet
29Kb / 1P
KK 254 Crimp Terminal 8088, 22-30 AWG, Gold/Nickel, Loose
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
logo
Japan Automatic Machine...
JB-SERIES JAM-JB-SERIES Datasheet
306Kb / 3P
2 Position Housing Connector Crimp 24-30 AWG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com