Electronic Components Datasheet Search
  English  ▼

X  

SMH Datasheet(PDF) 2 Page - Japan Automatic Machine Co., Ltd.

Part # SMH
Description  Connector Header Through Hole 3 position 0.098" (2.50mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SMH Datasheet(HTML) 2 Page - Japan Automatic Machine Co., Ltd.

  SMH Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMH connector
Board to Wire
Connector
117
SMH
(UNIT:mm)
(UNIT:mm)
品 番
Part No.
適用電線範囲
Wire Size
被覆外径
Dia of Insulation
材 質
Material
表面処理
Finish
被覆剥き長さ
Stripping length
個数/リール
PCS/Reel
備 考
Reference
725412-2MAC
♯22∼♯28
φ1.0∼φ1.7mm
リン青銅
Phosphor Bronze
スズメッキ材
Pre-tin Plated
2.0
mm
+0.5
−0
10,000×6R
搭載機種
Loaded Model
端子番号
Terminal No.
圧着マシン
Crimping Machine
ストリップクリンパー
Strip Crimper
725412
TJS-18000
注1)アプリケータは搭載するマシンにより型式番号が異なります。
注2)シールド線・同軸ケーブル・小サイズ電線・その他の特殊仕様の電線を使用の時は、お問
い合わせ下さい。
Note 1)Model number of each applicator is decided by setting machine.
Note 2)Contact us if special wire like shielded wire, coaxial cable, small size
wire is used.
基板・組立レイアウト 
BOARD・ASSEMBLY LAYOUT
端子 
TERMINAL
アプリケータ 
APPLICATOR
17.55
4.3
2.5
Lock side
No.1
(n-1)×2.5
7.4
1.8
No.1
2.5±0.05
φ1±0.05
No.1
2.5±0.05
φ1±0.05
7.5
1.8
5.4
6.4
12.3
No.1
2.5±0.05
φ1±0.05
ストレート型(Straight Type)
ライトアングル型(Right angle Type)
ポッティング型(Potting Type)
ボトムエントリー型(Bottom-entry Type)
2
注1)基板穴のピッチは全体にわたって公差±0.05で累積しないこと。
Note 1) Pitch of P.C.B. hole must not be accumulated in tolerance of ±0.05 as a whole.
注2)推奨基板レイアウト(コネクタ装着面)
Note 2) P.C.B. Layout(Connector installation side)
電線引出方向
Wire Dir.
注3)基板穴寸法は基板の種類・材質・穴開け方法によって異なります。スルーホール基板
などの固い素材の基板をご使用の場合は穴径を大きめに設定してください。上記の記載寸法
は参考値ですので詳しくは弊社までお問い合わせください。
Note 3) Dimensions of P.C.B. hole are different in kinds of P.C.B. material and methods
of making holes. Diameter of holes must be set a bit lager if material is used hard like
Through-Hole P.C.B. The above is only reference value. Please contact us for more details.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com