Electronic Components Datasheet Search
  English  ▼

X  

SMH Datasheet(PDF) 4 Page - Japan Automatic Machine Co., Ltd.

Part # SMH
Description  Connector Header Through Hole 3 position 0.098" (2.50mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SMH Datasheet(HTML) 4 Page - Japan Automatic Machine Co., Ltd.

  SMH Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SMH Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SMH connector
Board to Wire
Connector
119
SMH
(UNIT:mm)
(UNIT:mm)
ウエハー 
WAFER
極 数
Pole No.
製品番号
Product No.
A
B
材 質
Material
ストレート型
Straight Type
ライトアングル型
Right angle Type
2
SMH25-02WS
SMH25-02WL
7.5
2.5
■ベース:BASE■
ナイロン66 GF入
(Nylon66 with GF)
UL94 V-0
■角ピン:Square pin■
黄銅(Brass)
スズメッキ材
(Pre-tin Plated)
3
SMH25-03WS
SMH25-03WL
10.0
5.0
4
SMH25-04WS
SMH25-04WL
12.5
7.5
5
SMH25-05WS
SMH25-05WL
15.0
10.0
6
SMH25-06WS
SMH25-06WL
17.5
12.5
7
SMH25-07WS
SMH25-07WL
20.0
15.0
8
SMH25-08WS
SMH25-08WL
22.5
17.5
9
SMH25-09WS
SMH25-09WL
25.0
20.0
10
SMH25-10WS
SMH25-10WL
27.5
22.5
11
SMH25-11WS
SMH25-11WL
30.0
25.0
12
SMH25-12WS
SMH25-12WL
32.5
27.5
13
SMH25-13WS
SMH25-13WL
35.0
30.0
ストレート型(Straight Type)
ライトアングル型(Right angle Type)
2P
3P
4∼7P
8∼13P
No.1
B
1.8
1.7
A
5.4
5.4
B
2.5
1.7
1.8
No.1
A
2.5
B
A
1.8
1.7
5.4
No.1
1.8
1.7
5.4
No.1
2.5
A
B
2P
3P
4∼7P
8∼13P
No.1
A
5.7
1.7
3.2
B
2.5
B
3.2
A
5.7
1.7
No.1
B
No.1
1.7
5.7
3.2
2.5
A
A
B
1.7
5.7
3.2
No.1
2.5
4
1,000
個数/袋
Quantity/Bag
1,000
500
500
個数/袋
Quantity/Bag



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com