Electronic Components Datasheet Search
  English  ▼

X  

M830320 Datasheet(PDF) 4 Page - AVX Corporation

Part # M830320
Description  Wi-Fi / BT / Zigbee Ceramic Antenna
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M830320 Datasheet(HTML) 4 Page - AVX Corporation

  M830320 Datasheet HTML 1Page - AVX Corporation M830320 Datasheet HTML 2Page - AVX Corporation M830320 Datasheet HTML 3Page - AVX Corporation M830320 Datasheet HTML 4Page - AVX Corporation M830320 Datasheet HTML 5Page - AVX Corporation M830320 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | Part No. M830320
Antenna Layout
Typical layout dimensions (mm)
Pin #1
Pin# Description
1
Feed
2
Ground
3
Dummy Pad
4
Tuning Pad
5
Dummy Pad
6
Dummy Pad
Pin Descriptions
Matching Network (Demo Board)
Component
Value
Tolerance
P1
0
Ω
N/A
50
Ω
Transmission
line
*Actual matching values depend on
customer design
•
Additional VIAS: Diam. 0.2mm to be placed around antenna,
(no vias on transmission lines).
•
Via holes must be covered by solder mask
Pin #2
Pin #3
Pin #4
Pin #5
Pin #6
Antenna
Outline
P1
Antenna
Outline
50ohm
P1
© KYOCERA AVX
tel +(1) 858.550.3820
email: eth.info@KYOCERA-AVX.com
2.4 GHz
KYOCERA AVX’s Embedded Antenna Specifications
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com