Electronic Components Datasheet Search
  English  ▼

X  

M830320 Datasheet(PDF) 1 Page - AVX Corporation

Part # M830320
Description  Wi-Fi / BT / Zigbee Ceramic Antenna
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

M830320 Datasheet(HTML) 1 Page - AVX Corporation

  M830320 Datasheet HTML 1Page - AVX Corporation M830320 Datasheet HTML 2Page - AVX Corporation M830320 Datasheet HTML 3Page - AVX Corporation M830320 Datasheet HTML 4Page - AVX Corporation M830320 Datasheet HTML 5Page - AVX Corporation M830320 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part No. M830320
Wi-Fi / BT / Zigbee Ceramic Antenna
2.4 GHz
Supports: Wi-Fi applications, Agriculture, Automotive, Bluetooth, Zigbee, WLAN, Smart Home, Healthcare, Digital Signage
DATASHEET
Part No. M830320
Product: Wi-Fi/Bluetooth
Ceramic Antenna
5/4/2021
Proprietary
Mechanical Specifications & Ordering Part Number
KEY BENEFITS
Stay-in-Tune
IMD antenna technology
provides superior RF field
containment, resulting in
less interaction with
surrounding components.
Quicker Time-to-Market
By optimizing antenna size,
performance and
emissions, customer and
regulatory specifications
are more easily met.
Reliability
Products are the latest
RoHS version compliant.
Ceramic Wi-Fi / Bluetooth
Antenna
2400
– 2485 MHz
•
Embedded
design
•
Cellular,
Headsets,
Tablets
•
Gateway,
Access
Point
•
Handheld
•
Telematics
•
Tracking
•
Healthcare
•
M2M,
Industrial
devices
•
Smart Grid
•
OBD-II
APPLICATIONS
Ordering Part Number
M830320
Size (mm)
8.0 x 3.0 x 1.3
Mounting
Surface mounted
Weight (grams)
0.2
Packaging
Tape & Reel,
M830320
– 1,000 pieces per reel
Demo Board
M830320-01
KYOCERA AVX’s series of Ceramic Isolated Magnetic Dipole™ (IMD) antennas
deliver on the key needs of device designers for higher functionality and
performance in smaller/thinner designs. These innovative antennas provide
compelling advantages for Bluetooth® enabled mobile devices.
Real-World Performance and Implementation
Ceramic antennas may look alike on the outside, but the important difference is
inside. Other antennas may contain simple PiFA or monopole designs that
interact with their surroundings, complicating layout
and compromising performance. Ethertronics antennas utilize patented IMD
technology to deliver optimum performance in a miniature size configuration.
Greater Flexibility
KYOCERA AVX’s first-in-class IMD technology enables you to develop designs
that are more advanced and that deliver superior performance in reception
critical applications.
Electrical Specifications
Typical performance on a 40 x 60 mm PCB
Frequency (MHz)
2400
– 2485
Peak Gain
1.8 dBi
Average Efficiency
72%
VSWR Match
2.0:1 max
Feed Point Impedance
50 ohms unbalanced
Polarization
Linear
Power Handling
0.5 Watt CW
www.KYOCERA-AVX.com


Similar Part No. - M830320

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M830310 ETC2-M830310 Datasheet
163Kb / 2P
Savvi Embedded Bluetooth Antennas 2.4 - 2.5 GHz
More results

Similar Description - M830320

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10019-CC WPI-WPANT10019-CC Datasheet
218Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020-CB WPI-WPANT10020-CB Datasheet
190Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10043-C1A WPI-WPANT10043-C1A Datasheet
92Kb / 2P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10019 WPI-WPANT10019 Datasheet
227Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10020 WPI-WPANT10020 Datasheet
202Kb / 3P
Dual-band Wi-Fi / BT / Zigbee Antenna
WPANT10056 WPI-WPANT10056 Datasheet
87Kb / 2P
Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10069 WPI-WPANT10069 Datasheet
77Kb / 2P
Dual-band Wi-Fi / BT / ZigBee Antenna
WPANT10078 WPI-WPANT10078 Datasheet
82Kb / 2P
Wi-Fi / BT / ZigBee Antenna
logo
AVX Corporation
1001312 AVX-1001312 Datasheet
1Mb / 9P
Wi -Fi/BT/Zigbee Zigbee or UWB Ceramic Antenna
8/4/2022 Rev. 1
A1001312 AVX-A1001312 Datasheet
1Mb / 9P
Automotive Wi-Fi / BT / Zigbee or UWB Ceramic Antenna
8/5/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com