Electronic Components Datasheet Search
  English  ▼

X  

STGP10NB37LZ Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGP10NB37LZ
Description  10 A - 410 V internally clamped IGBT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10NB37LZ Datasheet(HTML) 1 Page - STMicroelectronics

  STGP10NB37LZ Datasheet HTML 1Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 2Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 3Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 4Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 5Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 6Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 7Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 8Page - STMicroelectronics STGP10NB37LZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2009
Doc ID 7402 Rev 4
1/15
15
STGB10NB37LZ
STGP10NB37LZ
10 A - 410 V internally clamped IGBT
Features
■ Low threshold voltage
■ Low on-voltage drop
■ Low gate charge
■ High current capability
■ High voltage clamping feature
Applications
■ Automotive ignition
Description
This IGBT utilizes the advanced PowerMESH™
process resulting in an excellent trade-off
between switching performance and low on-state
behavior. The built in collector-gate Zener exhibits
a very precise active clamping while the gate-
emitter Zener supplies an ESD protection.
Figure 1.
Internal schematic diagram
1
2
3
TAB
1
3
TAB
TO-220
D²PAK
C (2,TAB)
G (1)
E (3)
SC090150
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STGB10NB37LZ
GB10NB37LZ
D²PAK
Tube
STGB10NB37LZT4
GB10NB37LZ
D²PAK
Tape and reel
STGP10NB37LZ
GP10NB37LZ
TO-220
Tube
www.st.com


Similar Part No. - STGP10NB37LZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGP10NB37LZ STMICROELECTRONICS-STGP10NB37LZ Datasheet
267Kb / 9P
N-CHANNEL CLAMPED 20A - TO-220 INTERNALLY CLAMPED PowerMesh™ IGBT
Nov-2000
More results

Similar Description - STGP10NB37LZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGP20N14CL MOTOROLA-MGP20N14CL Datasheet
77Kb / 4P
Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL Datasheet
99Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 0
MGP15N38CL ONSEMI-MGP15N38CL Datasheet
71Kb / 4P
Internally Clamped N-Channel IGBT
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N43CL ONSEMI-MGP15N43CL Datasheet
70Kb / 4P
Internally Clamped N-Channel IGBT
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
Jun-1999
STGB7NB40LZ STMICROELECTRONICS-STGB7NB40LZ Datasheet
391Kb / 8P
N-CHANNEL CLAMPED 14A - D2PAK INTERNALLY CLAMPED PowerMESH™ IGBT
Mar-2003
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ Datasheet
632Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-Mar-2008
STGB18N40LZ_0805 STMICROELECTRONICS-STGB18N40LZ_0805 Datasheet
636Kb / 18P
EAS 180 mJ - 400 V - internally clamped IGBT
07-May-2008
STGB18N40LZ STMICROELECTRONICS-STGB18N40LZ_09 Datasheet
896Kb / 19P
EAS 180 mJ - 390 V - internally clamped IGBT
18-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com