Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60HD Datasheet(PDF) 1 Page - STMicroelectronics

Part # GP7NC60HD
Description  N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60HD Datasheet(HTML) 1 Page - STMicroelectronics

  GP7NC60HD Datasheet HTML 1Page - STMicroelectronics GP7NC60HD Datasheet HTML 2Page - STMicroelectronics GP7NC60HD Datasheet HTML 3Page - STMicroelectronics GP7NC60HD Datasheet HTML 4Page - STMicroelectronics GP7NC60HD Datasheet HTML 5Page - STMicroelectronics GP7NC60HD Datasheet HTML 6Page - STMicroelectronics GP7NC60HD Datasheet HTML 7Page - STMicroelectronics GP7NC60HD Datasheet HTML 8Page - STMicroelectronics GP7NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
June 2012
Doc ID 10042 Rev 10
1/22
22
STGB7NC60HD,
STGF7NC60HD, STGP7NC60HD
N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
Datasheet
− production data
Features
■ Low on-voltage drop (VCE(sat))
■ Off losses include tail current
■ Losses include diode recovery energy
■ High frequency operation up to 70 kHz
■ Very soft ultra fast recovery anti parallel diode
Applications
■ High frequency inverters
■ SMPS and PFC in both hard switch and
resonant topologies
■ Motor drivers
Description
These devices are very fast IGBT developed
using advanced PowerMESH™ technology. This
process guarantees an excellent trade-off
between switching performance and low on-state
behavior. These devices are well-suited for
resonant or soft-switching applications.
Figure 1.
Internal schematic diagram
I²PAK (TO-262)
1
3
TAB
D²PAK (TO-263)
1
2
3
TAB
TO-220
1
2
3
TO-220FP
1
2
3
TAB
G (1)
C (2, TAB)
E (3)
Table 1.
Device summary
Order codes
Markings
Packages
Packaging
STGB7NC60HD-1
GB7NC60HD
I²PAK (TO-262)
Tube
STGB7NC60HDT4
D²PAK (TO-263)
Tape and reel
STGF7NC60HD
GF7NC60HD
TO-220FP
Tube
STGP7NC60HD
GP7NC60HD
TO-220
Tube
www.st.com


Similar Part No. - GP7NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GP7NC60H STMICROELECTRONICS-GP7NC60H Datasheet
794Kb / 14P
N-channel PowerMESH™ 600 V, 14 A very fast IGBT
04-Jul-2016
More results

Similar Description - GP7NC60HD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA19NC60HD STMICROELECTRONICS-STGWA19NC60HD Datasheet
522Kb / 14P
31 A, 600 V, very fast IGBT with Ultrafast diode
14-Sep-2011
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGD3HF60HDT4 STMICROELECTRONICS-STGD3HF60HDT4 Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGF17NC60SD STMICROELECTRONICS-STGF17NC60SD Datasheet
375Kb / 9P
17 A, 600 V fast IGBT with Ultrafast diode
14-Nov-2012
STGB3HF60HD STMICROELECTRONICS-STGB3HF60HD Datasheet
1Mb / 26P
4.5 A, 600 V very fast IGBT with Ultrafast diode
19-Sep-2016
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
7 A, 1200 V very fast IGBT with ultrafast diode
25-Jan-2011
STGD6NC60H-1 STMICROELECTRONICS-STGD6NC60H-1 Datasheet
376Kb / 13P
N-channel 600 V, 7 A - IPAK Very fast PowerMESH™ IGBT
08-Apr-2014
STGF19NC60SD STMICROELECTRONICS-STGF19NC60SD Datasheet
535Kb / 15P
20 A, 600 V fast IGBT with Ultrafast diode
05-Nov-2010
STGD3HF60HD STMICROELECTRONICS-STGD3HF60HD Datasheet
925Kb / 16P
4.5 A, 600 V very fast IGBT with Ultrafast diode
22-Dec-2010
STGP7NC60H STMICROELECTRONICS-STGP7NC60H_V01 Datasheet
794Kb / 14P
N-channel PowerMESH™ 600 V, 14 A very fast IGBT
04-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com