Electronic Components Datasheet Search
  English  ▼

X  

GP7NC60HD Datasheet(PDF) 3 Page - STMicroelectronics

Part # GP7NC60HD
Description  N-channel 14 A, 600 V, very fast IGBT with Ultrafast diode
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GP7NC60HD Datasheet(HTML) 3 Page - STMicroelectronics

  GP7NC60HD Datasheet HTML 1Page - STMicroelectronics GP7NC60HD Datasheet HTML 2Page - STMicroelectronics GP7NC60HD Datasheet HTML 3Page - STMicroelectronics GP7NC60HD Datasheet HTML 4Page - STMicroelectronics GP7NC60HD Datasheet HTML 5Page - STMicroelectronics GP7NC60HD Datasheet HTML 6Page - STMicroelectronics GP7NC60HD Datasheet HTML 7Page - STMicroelectronics GP7NC60HD Datasheet HTML 8Page - STMicroelectronics GP7NC60HD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STGB7NC60HD, STGF7NC60HD, STGP7NC60HD
Electrical ratings
Doc ID 10042 Rev 10
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
I2PAK, D2PAK,
TO-220
TO-220FP
VCES
Collector-emitter voltage (VGS = 0)
600
V
VECR
Emitter-collector voltage
20
V
VGE
Gate-emitter voltage
±20
V
IC
Collector current (continuous) at TC = 25 °C
(1)
1.
Calculated according to the iterative formula:
25
10
A
IC
Collector current (continuous) at TC = 100 °C
(1)
14
6
A
ICM
(2)
2.
Pulse width limited by maximum junction temperature and turn-off within RBSOA.
Collector current (pulsed)
50
A
IF
Diode RMS forward current at TC = 25°C
20
A
PTOT
Total dissipation at TC = 25°C
80
25
W
Derating factor
0.64
0.20
W/°C
VISO
Insulation withstand voltage A.C. (t = 1 sec;
TC =25°C)
--
2500
V
Tstg
Storage temperature
– 55 to 150
°C
Tj
Operating junction temperature
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
I2PAK, D2PAK,
TO-220
TO-220FP
RthJC
Thermal resistance junction-case
1.56
5.0
°C/W
RthJA
Thermal resistance junction-ambient
62.5
°C/W
I
C TC
()
T
jmax
() TC
R
thj
c
V
CE sat
() max
() Tjmax
() IC TC
()
,
()
×
-------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com